Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ZLEC06A1Y-R

  • AI
    The **ZLEC06A1Y-R** belongs to a specialized category of electronic components, typically classified as a **Limit Switch** or a **Micro Switch** assembly, often utilized in heavy-duty industrial applications or specialized machinery. Below is a breakdown of its technical specifications, construction, and typical use cases. --- ## 1. Technical Specifications The "ZLEC" series is generally associated with Honeywell’s line of global limit switches (specifically the GLS or heavy-duty series variants). | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Limit Switch | | **Contact Configuration** | Typically 1NO/1NC (Normally Open/Normally Closed) | | **Switching Logic** | Snap Action / Slow Action (Model dependent) | | **Housing Material** | Die-cast Zinc / Aluminum Alloy (Industrial Grade) | | **Actuator Type** | Side Rotary, Plunger, or Wobble (Standard "Y" suffix often denotes specific lever types) | | **Termination** | Conduit entry (M20 or 1/2 NPT) | --- ## 2. Key Electronic & Mechanical Parts ### A. The Contact Block This is the internal electrical heart of the component. It consists of: * **Stationary Contacts:** Fixed points made of silver or gold-plated alloys to ensure high conductivity and corrosion resistance. * **Movable Bridge:** A spring-loaded mechanism that snaps between positions to open or close the circuit. ### B. The Actuator Mechanism The "Z" in the prefix often denotes a specific body style or mounting pattern. * **Operating Head:** The physical interface (e.g., a roller lever) that translates mechanical motion into electrical switching. * **Return Spring:** Ensures the switch returns to its "shelf state" once the external force is removed. ### C. The Housing (Enclosure) * **IP Rating:** Usually rated **IP66/IP67**, making it dust-tight and resistant to powerful water jets. * **Sealing:** Includes O-rings and gaskets to protect internal electronics from cutting oils, coolants, and humidity. --- ## 3. Typical Applications The ZLEC06A1Y-R is engineered for environments where standard plastic switches would fail. 1. **CNC Machinery:** Sensing the position of tool carousels or protective doors. 2. **Conveyor Systems:** Detecting the presence or alignment of heavy pallets. 3. **Material Handling:** Acting as an "End-of-Travel" stop for cranes or lifts. 4. **Packaging Lines:** Counting units or triggering specific automation sequences. --- ## 4. Part Number Breakdown (Generic Structure) * **ZL:** Series Identifier (Global Limit Switch). * **E:** Conduit Threading type. * **C:** Body Style/Size. * **06:** Contact Code (identifies the specific electrical circuit layout). * **A1Y:** Actuator/Lever code (defines the physical arm attached). * **-R:** Often indicates RoHS compliance or a specific orientation/packaging requirement.
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the ZLEC06A1Y-R?
    • ⤷ Can this switch be used in explosive environments?
    • ⤷ What are the common failure modes for industrial limit switches?