Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ZWS240BP-24/CO2

  • AI
    The **ZWS240BP-24/CO2** is a high-reliability, open-frame AC-DC power supply manufactured by TDK-Lambda. It is specifically designed for industrial applications requiring high peak power and long life cycles. Below is a breakdown of its electronic components, technical specifications, and the significance of the "/CO2" suffix. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 24V DC (Adjustable ±10%) | | **Rated Output Power** | 240W | | **Peak Output Power** | 480W (Up to 5 seconds) | | **Efficiency** | ~91% (at 200VAC) | | **Cooling** | Convection Cooled (No fans required) | --- ### 2. Core Electronic Subsystems The internal circuitry of the ZWS240BP series is composed of several critical stages: #### A. Input Protection & EMI Filtering * **Varistors (MOVs):** Protect the unit against input voltage surges. * **EMI Filter:** Consists of X and Y capacitors and common-mode chokes to minimize electromagnetic interference, ensuring compliance with EN55011/EN55022-B standards. #### B. Active Power Factor Correction (PFC) * **PFC Controller:** Uses an active circuit to ensure a power factor of 0.95 or higher. This reduces harmonic current distortion and improves energy efficiency. #### C. DC-DC Conversion Stage * **Switching Transistors (MOSFETs):** High-efficiency power MOSFETs are used to chop the DC voltage at high frequencies. * **Main Transformer:** Provides galvanic isolation between the primary (AC) and secondary (DC) sides while stepping down the voltage. #### D. Secondary Rectification & Filtering * **Schottky Diodes/Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back to DC. * **Electrolytic Capacitors:** High-quality, 105°C rated capacitors are used to smooth the output ripple. TDK-Lambda focuses on "long-life" capacitor selection for this series. --- ### 3. The "/CO2" Suffix Meaning In TDK-Lambda nomenclature, the suffix indicates specific modifications or features: * **CO2 (Coating):** This indicates that the printed circuit board (PCB) has a **Conformal Coating** applied to both sides. * **Function:** This thin chemical film protects the electronic components and traces from moisture, dust, and chemical contaminants. * **Application:** Essential for industrial environments where the power supply might be exposed to humidity or light pollution. --- ### 4. Advanced Features * **Peak Power Capability:** Unlike standard power supplies, the ZWS240BP can handle a **200% peak load** (480W). This is achieved through robust thermal management and over-sized power components capable of handling high instantaneous currents, common in motor startup or solenoid applications. * **Low Leakage Current:** Designed to maintain low earth leakage current, making it safer for integrated systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum duration allowed for the 480W peak power load?
    • ⤷ How does the conformal coating affect the thermal performance of the unit?
    • ⤷ What are the mounting requirements for optimal convection cooling?