| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MP1475S Datasheet
# Example questions:
➢ What are the three operational modes of the mp1475s, and under what conditions does the device transition between them?
➢ How does the internal soft-start feature contribute to the overall operation of the mp1475s, and what is its approximate duration?
➢ Explain the function of the power good (pg) indicator and how it responds to changes in the output voltage.
Okay, here's a breakdown of the information provided in the provided text, extracted and summarized into key points. This will cover operation, key features, and design considerations.
Overall Description:
️· What it is: The MP1475S is a high-frequency, synchronous, rectified, step-down (buck) switching regulator. It's designed to deliver a 3A continuous output current.
️· Key benefit: Compact design for efficiency.
️· Input Voltage Range: 4.5V to 16V.
Operating Modes (How it Works):
️· AAM (Advanced Asynchronous Modulation) Mode: Used in light load conditions. It skips pulses to conserve power. V_AAM is a key internal voltage that controls this behavior.
️· DCM (Discontinuous Conduction Mode): Used as output current increases. The PWM cycle is initiated based on the COMP voltage.
️· CCM (Continuous Conduction Mode): Used at higher output currents. The inductor current never reaches zero.
Key Features and Design Considerations:
️· Internal Regulator: A 5V internal regulator provides power to most internal circuits. A 0.1uF ceramic capacitor is needed if input voltage falls below 5V.
️· Enable/Sync (EN/SYNC):
- Digital control pin to turn the regulator on/off.
- Can be used for external clock synchronization (300kHz - 2MHz).
- Has an internal 6.5V Zener diode to limit current.
️· Under-Voltage Lockout (UVLO): Protects against too-low input voltage.
- Rising threshold: Device starts powering up.
- Falling threshold: Device shuts down.
- Adjustable UVLO through external resistors.
️· Soft-Start: Prevents overshoot during start-up.
️· Power Good (PG): Open-drain output indicates when output voltage is stable. Pulled high by an external resistor.
️· Pre-Bias Start-up: Designed to start up correctly even if the output is pre-biased (already has a voltage).
Important Notes/Tips:
️· External Components: Requires external compensation network components (resistors/capacitors) to optimize loop stability. Generally minimal external components required.
️· Input Capacitor: Not explicitly mentioned but a standard practice for switching regulators.
️· Layout: Proper PCB layout is crucial for performance and stability.
Let me know if you'd like me to elaborate on any specific section, or provide further clarification.
Overall Description:
️· What it is: The MP1475S is a high-frequency, synchronous, rectified, step-down (buck) switching regulator. It's designed to deliver a 3A continuous output current.
️· Key benefit: Compact design for efficiency.
️· Input Voltage Range: 4.5V to 16V.
Operating Modes (How it Works):
️· AAM (Advanced Asynchronous Modulation) Mode: Used in light load conditions. It skips pulses to conserve power. V_AAM is a key internal voltage that controls this behavior.
️· DCM (Discontinuous Conduction Mode): Used as output current increases. The PWM cycle is initiated based on the COMP voltage.
️· CCM (Continuous Conduction Mode): Used at higher output currents. The inductor current never reaches zero.
Key Features and Design Considerations:
️· Internal Regulator: A 5V internal regulator provides power to most internal circuits. A 0.1uF ceramic capacitor is needed if input voltage falls below 5V.
️· Enable/Sync (EN/SYNC):
- Digital control pin to turn the regulator on/off.
- Can be used for external clock synchronization (300kHz - 2MHz).
- Has an internal 6.5V Zener diode to limit current.
️· Under-Voltage Lockout (UVLO): Protects against too-low input voltage.
- Rising threshold: Device starts powering up.
- Falling threshold: Device shuts down.
- Adjustable UVLO through external resistors.
️· Soft-Start: Prevents overshoot during start-up.
️· Power Good (PG): Open-drain output indicates when output voltage is stable. Pulled high by an external resistor.
️· Pre-Bias Start-up: Designed to start up correctly even if the output is pre-biased (already has a voltage).
Important Notes/Tips:
️· External Components: Requires external compensation network components (resistors/capacitors) to optimize loop stability. Generally minimal external components required.
️· Input Capacitor: Not explicitly mentioned but a standard practice for switching regulators.
️· Layout: Proper PCB layout is crucial for performance and stability.
| Part No. | MP1475S |
| Manufacturer | MPS |
| Size | 630 Kbytes |
| Pages | 19 pages |
| Description | High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |