Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATS612LSG Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS612LSG Datasheet

  • # Example questions: ➢ What is the maximum operating temperature for the sensor package material?
    ➢ What specific emc (electromagnetic compatibility) tests are mentioned in the document, and what reference specifications are used for these tests?
    ➢ How does the ats360 sensor mitigate the effects of air gap variations between the sensor and the target tooth, as described in the document?

  • Part No.ATS612LSG
    ManufacturerALLEGRO
    Size415 Kbytes
    Pages15 pages
    DescriptionDYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
    Datasheet Summary with AI

    1. Core Function & Advantages:

    ️· Type: This is a gear-tooth sensing module. It's designed to detect the position and speed of rotating gears (or similar toothed objects).
    ️· Key Benefits/Features:
    - High Sensitivity: The module is designed to be very sensitive to the presence of gear teeth, allowing for accurate detection even with small gaps or imperfections.
    - Robustness: It has features to mitigate issues like noise and temperature changes, ensuring reliable operation.
    - Flexibility: It can operate under a wide range of conditions (as evidenced by the temperature range and performance charts).
    - EMC Performance: The device has been tested for electromagnetic compatibility, indicating its ability to operate in environments with electrical noise.
    ️· Unique Design: It features a metallic protrusion that’s electrically connected to the substrate and pin 4 (ground) – a design element intended for grounding purposes.

    2. Technical Specifications & Performance:

    ️· Operating Principle: It uses a Hall-effect sensor to detect changes in magnetic fields caused by passing gear teeth.
    ️· Performance Metrics (from charts – see below for a more detailed breakdown):
    - Air Gap Tolerance: The module can detect gear teeth with relatively large air gaps (up to several millimeters, depending on the speed and tooth type).
    - Temperature Range: Designed to operate within a fairly wide temperature range (-40°C to 150°C, although there are considerations for peak temperatures).
    - Speed Range: Suitable for a variety of gear speeds (as indicated by the "rising/falling sequential tooth edge" graphs).
    ️· Tooth type capable of reading both rising and falling tooth edges.

    3. Performance Chart Details (Important for Understanding Capability):

    ️· Rising/Falling Tooth Edge Graphs: These charts (present for 1000 RPM and 10 RPM) show the output signal amplitude as a function of the air gap distance. They illustrate:
    - Sensitivity: How close the gear needs to be for the sensor to reliably detect it.
    - Signal Strength: The amplitude of the output signal.
    - Temperature Impact: The effect of temperature on the signal's strength. (Graphs are shown at -40°C, 150°C, and 25°C).
    ️· Rising/Falling Sequential Tooth Edge Graphs: These charts show the signal response for consecutive tooth detections.

    4. Physical & Environmental:

    ️· Package Material: Thermoset epoxy (max. temp. 170°C)
    ️· Lead Coating: Tin / Lead 90/10 (Industry standard soldering techniques)
    ️· EMC Tests: The document lists a range of EMC tests performed (ESD, Conducted Transients, etc.) according to industry standards (AEC-Q100, ISO standards).

    5. Important Notes/Cautions:

    ️· Temperature Limits: While the operating range is -40°C to 150°C, there are peak temperature limits to be mindful of.
    ️· Soldering: Specific soldering techniques are required to avoid damaging the component.
    ️· Critical Applications: The device is *not* approved for life-support applications without express written consent from Allegro MicroSystems.
    ️· Patent Information: The document lists a significant number of patents related to the technology.

    1. Core Function & Advantages:

    ️· Type: This is a gear-tooth sensing module. It's designed to detect the position and speed of rotating gears (or similar toothed objects).
    ️· Key Benefits/Features:
    - High Sensitivity: The module is designed to be very sensitive to the presence of gear teeth, allowing for accurate detection even with small gaps or imperfections.
    - Robustness: It has features to mitigate issues like noise and temperature changes, ensuring reliable operation.
    - Flexibility: It can operate under a wide range of conditions (as evidenced by the temperature range and performance charts).
    - EMC Performance: The device has been tested for electromagnetic compatibility, indicating its ability to operate in environments with electrical noise.
    ️· Unique Design: It features a metallic protrusion that’s electrically connected to the substrate and pin 4 (ground) – a design element intended for grounding purposes.

    2. Technical Specifications & Performance:

    ️· Operating Principle: It uses a Hall-effect sensor to detect changes in magnetic fields caused by passing gear teeth.
    ️· Performance Metrics (from charts – see below for a more detailed breakdown):
    - Air Gap Tolerance: The module can detect gear teeth with relatively large air gaps (up to several millimeters, depending on the speed and tooth type).
    - Temperature Range: Designed to operate within a fairly wide temperature range (-40°C to 150°C, although there are considerations for peak temperatures).
    - Speed Range: Suitable for a variety of gear speeds (as indicated by the "rising/falling sequential tooth edge" graphs).
    ️· Tooth type capable of reading both rising and falling tooth edges.

    3. Performance Chart Details (Important for Understanding Capability):

    ️· Rising/Falling Tooth Edge Graphs: These charts (present for 1000 RPM and 10 RPM) show the output signal amplitude as a function of the air gap distance. They illustrate:
    - Sensitivity: How close the gear needs to be for the sensor to reliably detect it.
    - Signal Strength: The amplitude of the output signal.
    - Temperature Impact: The effect of temperature on the signal's strength. (Graphs are shown at -40°C, 150°C, and 25°C).
    ️· Rising/Falling Sequential Tooth Edge Graphs: These charts show the signal response for consecutive tooth detections.

    4. Physical & Environmental:

    ️· Package Material: Thermoset epoxy (max. temp. 170°C)
    ️· Lead Coating: Tin / Lead 90/10 (Industry standard soldering techniques)
    ️· EMC Tests: The document lists a range of EMC tests performed (ESD, Conducted Transients, etc.) according to industry standards (AEC-Q100, ISO standards).

    5. Important Notes/Cautions:

    ️· Temperature Limits: While the operating range is -40°C to 150°C, there are peak temperature limits to be mindful of.
    ️· Soldering: Specific soldering techniques are required to avoid damaging the component.
    ️· Critical Applications: The device is *not* approved for life-support applications without express written consent from Allegro MicroSystems.
    ️· Patent Information: The document lists a significant number of patents related to the technology.

    Part No.ATS612LSG
    ManufacturerALLEGRO
    Size415 Kbytes
    Pages15 pages
    DescriptionDYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com