Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STD86N3LH5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STD86N3LH5 Datasheet

  • # Example questions: ➢ Under what circumstances does taiwan vbsemi *not* assume responsibility for product failures?
    ➢ What are the two rohs directives mentioned and how do they relate to each other?
    ➢ What type of compliance does taiwan vbsemi certify for its products regarding halogen content, and what standard levels are referenced?

  • Part No.STD86N3LH5
    ManufacturerVBSEMI
    Size1,001 Kbytes
    Pages7 pages
    DescriptionN-Channel 30-V (D-S) MOSFET
    Datasheet Summary with AI

    # STD86N3LH5 N-Channel MOSFET

    ## Features
    · TrenchFET® Power MOSFET
    · RoHS Compliant
    · 100% Rg and UIS Tested

    ## Absolute Maximum Ratings (TA = 25 °C)
    · VDS: 30 V
    · VGS: ±20 V
    · ID (TC=25°C): 100 A
    · PD (TC=25°C): 235 W

    ## Static Specifications (TJ = 25 °C)
    · VDS(breakdown): 30 V
    · VGS(th): 1.5 - 2.5 V
    · RDS(on) (VGS=10V): 0.002 Ω
    · ID(on) (VGS=10V): 90 A

    ## Dynamic Specifications

    · Qg (VGS=10V): 151-227 nC
    · Input Capacitance (Ciss): 5201 pF

    ## Thermal Resistance
    · RthJA: 32-40 °C/W
    · RthJC: 0.5-0.6 °C/W

    ## Package
    · TO-252AA

    # STD86N3LH5 N-Channel MOSFET

    ## Features
    · TrenchFET® Power MOSFET
    · RoHS Compliant
    · 100% Rg and UIS Tested

    ## Absolute Maximum Ratings (TA = 25 °C)
    · VDS: 30 V
    · VGS: ±20 V
    · ID (TC=25°C): 100 A
    · PD (TC=25°C): 235 W

    ## Static Specifications (TJ = 25 °C)
    · VDS(breakdown): 30 V
    · VGS(th): 1.5 - 2.5 V
    · RDS(on) (VGS=10V): 0.002 Ω
    · ID(on) (VGS=10V): 90 A

    ## Dynamic Specifications
    · Qg (VGS=10V): 151-227 nC
    · Input Capacitance (Ciss): 5201 pF

    ## Thermal Resistance
    · RthJA: 32-40 °C/W
    · RthJC: 0.5-0.6 °C/W

    ## Package
    · TO-252AA

    Part No.STD86N3LH5
    ManufacturerVBSEMI
    Size1,001 Kbytes
    Pages7 pages
    DescriptionN-Channel 30-V (D-S) MOSFET
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com