Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STD86N3LH5 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

No. de pieza STD86N3LH5
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STD86N3LH5 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  STD86N3LH5 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STD86N3LH5 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STD86N3LH5 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STD86N3LH5 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STD86N3LH5 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STD86N3LH5 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STD86N3LH5 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
15
30
45
60
75
90
0.0
0.5
1.0
1.5
2.0
2.5
VGS = 10 V thru 4 V
VDS - Drain-to-Source Voltage (V)
VGS = 2 V
VGS = 3 V
0
100
200
300
400
500
600
0
1020
3040
5060
70
8090
ID - Drain Current (A)
TC = - 55 °C
TC = 25 °C
TC = 125 °C
0
1000
2000
4000
6000
8000
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
RDS(on) vs. Drain Current
Gate Charge
0.0
0.6
1.2
1.8
2.4
3.0
012
34
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = - 55 °C
TC = 125 °C
0.00
0
0.00
10
0.00
20
0.00
30
0.00
40
0.00
50
0.00
60
0
153045
607590
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
0
306090
120
150
180
Qg - Total Gate Charge (nC)
ID = 38.8 A
VDS = 24 V
VDS = 15 V
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STD86N3LH5
3



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com