Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS7C331MNTD18A-133TQIN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AS7C331MNTD18A-133TQIN Datasheet

  • # Example questions: ➢ What is the maximum clock frequency supported by the as7c331mntd18a at the -166 speed grade?
    ➢ How long does it take for the input signals to be ignored after the zz pin is asserted, transitioning the device into snooze mode (refer to tpds)?
    ➢ What is the typical standby current (isb) when the device is deselected and the frequency is at its maximum?

  • Part No.AS7C331MNTD18A-133TQIN
    ManufacturerALSC
    Size424 Kbytes
    Pages18 pages
    Description3.3V 1M x 18 Pipelined SRAM with NTD
    Datasheet Summary with AI

    1. Overview

    ️· Device Type: Synchronous SRAM (Static Random Access Memory)
    ️· Organization: The datasheet doesn't explicitly state the organization (number of words x data bits per word) but refers to LBO and ZZ pins, which are features common in high-density synchronous SRAMs.
    ️· Speed Options: The datasheet provides electrical characteristics for two speed grades: -166 and -133 (MHz). This indicates a clock frequency range of 133-166 MHz.
    ️· Synchronous Operation: The memory is synchronized to a clock signal, enabling faster access times and higher performance.

    2. Key Features & Characteristics

    ️· Synchronous Operation: Requires a clock signal for data access.
    ️· Snooze Mode: A low-power standby mode activated by the ZZ input. This mode significantly reduces power consumption. The datasheet details parameters related to entering and exiting Snooze Mode.
    - tZZI (ZZ Active to Input Ignored): 2 cycles. Time from ZZ becoming high until the SRAM ignores inputs.
    - tPUS (ZZ Inactive to Input Sampled): 2 cycles. Time from ZZ becoming low until the SRAM samples inputs.
    - tZZI (ZZ Active to Snooze Current): 2 cycles. Time for current to reach Snooze Mode after ZZ input is asserted.
    - tRZZI (ZZ Inactive to Exit Snooze Current): 0 cycle. Time for current to return to operating mode after ZZ input is deasserted.
    ️· LBO (Low Byte/High Byte Select): The existence of an LBO pin suggests a potentially expandable memory architecture.
    ️· Automatic Refresh: Not mentioned, implying it’s likely not required.

    3. Electrical Characteristics – Operating Conditions (-166 & -133 Speed Grades)

    ️· Voltage: Supports both 3.3V and 2.5V I/O voltage levels. This offers flexibility in system design.
    ️· Clock Cycle Time (tCYC):
    - -166: 6 ns
    - -133: 7.5 ns
    ️· Key Timing Parameters (Highlights):
    - tCD (Clock Access Time): 3.4-3.8 ns. This is the time from the clock edge to the output being valid.
    - tOE (Output Enable Low to Data Valid): 3.4-3.8 ns.
    - Input Setup/Hold Times: Generally 1.5 ns for setup and 0.5 ns for hold relative to the clock. These are critical for proper data latching.
    - Chip Select Setup/Hold Times: Also 1.5 ns setup and 0.5 ns hold.

    4. Power Consumption

    ️· ICC (Operating Current): Highly dependent on speed and load. Around 290-270 mA at -166 speed grade with no load.
    ️· ISB (Standby Current):
    - ISB1: 60 mA (most power-efficient standby).
    - ISB2: 50 mA (during Snooze Mode – ZZ > VIH).

    5. Key Notes and Considerations

    ️· Synchronous Design: Requires careful clock distribution and timing analysis.
    ️· Snooze Mode Utilization: Implement Snooze Mode effectively to reduce power consumption when the memory isn't actively being used.
    ️· Input Timing: The timing parameters are critical for reliable data transfer. Ensure adequate setup and hold times.
    ️· Speed Considerations: The speed grade should match the system's clock frequency to optimize performance.

    6. Missing Information

    ️· Organization: (Number of words x bits per word)
    ️· Pinout Diagram: Not included.
    ️· Detailed Functional Description: A more thorough explanation of features like LBO would be beneficial.

    1. Overview

    ️· Device Type: Synchronous SRAM (Static Random Access Memory)
    ️· Organization: The datasheet doesn't explicitly state the organization (number of words x data bits per word) but refers to LBO and ZZ pins, which are features common in high-density synchronous SRAMs.
    ️· Speed Options: The datasheet provides electrical characteristics for two speed grades: -166 and -133 (MHz). This indicates a clock frequency range of 133-166 MHz.
    ️· Synchronous Operation: The memory is synchronized to a clock signal, enabling faster access times and higher performance.

    2. Key Features & Characteristics

    ️· Synchronous Operation: Requires a clock signal for data access.
    ️· Snooze Mode: A low-power standby mode activated by the ZZ input. This mode significantly reduces power consumption. The datasheet details parameters related to entering and exiting Snooze Mode.
    - tZZI (ZZ Active to Input Ignored): 2 cycles. Time from ZZ becoming high until the SRAM ignores inputs.
    - tPUS (ZZ Inactive to Input Sampled): 2 cycles. Time from ZZ becoming low until the SRAM samples inputs.
    - tZZI (ZZ Active to Snooze Current): 2 cycles. Time for current to reach Snooze Mode after ZZ input is asserted.
    - tRZZI (ZZ Inactive to Exit Snooze Current): 0 cycle. Time for current to return to operating mode after ZZ input is deasserted.
    ️· LBO (Low Byte/High Byte Select): The existence of an LBO pin suggests a potentially expandable memory architecture.
    ️· Automatic Refresh: Not mentioned, implying it’s likely not required.

    3. Electrical Characteristics – Operating Conditions (-166 & -133 Speed Grades)

    ️· Voltage: Supports both 3.3V and 2.5V I/O voltage levels. This offers flexibility in system design.
    ️· Clock Cycle Time (tCYC):
    - -166: 6 ns
    - -133: 7.5 ns
    ️· Key Timing Parameters (Highlights):
    - tCD (Clock Access Time): 3.4-3.8 ns. This is the time from the clock edge to the output being valid.
    - tOE (Output Enable Low to Data Valid): 3.4-3.8 ns.
    - Input Setup/Hold Times: Generally 1.5 ns for setup and 0.5 ns for hold relative to the clock. These are critical for proper data latching.
    - Chip Select Setup/Hold Times: Also 1.5 ns setup and 0.5 ns hold.

    4. Power Consumption

    ️· ICC (Operating Current): Highly dependent on speed and load. Around 290-270 mA at -166 speed grade with no load.
    ️· ISB (Standby Current):
    - ISB1: 60 mA (most power-efficient standby).
    - ISB2: 50 mA (during Snooze Mode – ZZ > VIH).

    5. Key Notes and Considerations

    ️· Synchronous Design: Requires careful clock distribution and timing analysis.
    ️· Snooze Mode Utilization: Implement Snooze Mode effectively to reduce power consumption when the memory isn't actively being used.
    ️· Input Timing: The timing parameters are critical for reliable data transfer. Ensure adequate setup and hold times.
    ️· Speed Considerations: The speed grade should match the system's clock frequency to optimize performance.

    6. Missing Information

    ️· Organization: (Number of words x bits per word)
    ️· Pinout Diagram: Not included.
    ️· Detailed Functional Description: A more thorough explanation of features like LBO would be beneficial.

    Part No.AS7C331MNTD18A-133TQIN
    ManufacturerALSC
    Size424 Kbytes
    Pages18 pages
    Description3.3V 1M x 18 Pipelined SRAM with NTD
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com