Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RE7RB13MW Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RE7RB13MW Datasheet

  • # Example questions: ➢ What is the operating voltage range for this timing relay?
    ➢ What type of timing function does the 'k' designation represent in the product description?
    ➢ What is the ip rating of the housing and terminals of the re7rb13mw?

  • Part No.RE7RB13MW
    ManufacturerSCHNEIDER
    Size210 Kbytes
    Pages7 pages
    Descriptionadjustable off-delay timing relay - 0.05..1 s - 240 V AC DC - 2OC
    Datasheet Summary with AI

    ## Summary of the Schneider Electric RE7RB13MW Adjustable Off-Delay Timing Relay

    This document details the specifications and characteristics of the Schneider Electric RE7RB13MW, a Zelio Time series adjustable off-delay timing relay. Here's a breakdown of the key features:

    Core Functionality:

    ️· Type: Adjustable Off-Delay (K) - Output turns off *after* a set delay following de-energization.
    ️· Time Range: 0.05 seconds to 10 minutes.
    ️· Output Contacts: 2 C/O (Changeover) contacts.

    Electrical Characteristics:

    ️· Supply Voltage: 24-240V AC/DC
    ️· Thermal Current (Ith): 5A
    ️· Rated Operational Current (Ie):
    - 2A DC-13 @ 24V
    - 0.1A DC-13 @ 250V
    - 0.2A DC-13 @ 115V
    - 3A AC-15 @ 70°C
    ️· Minimum Switching Capacity: 10mA @ 12V

    Mechanical & Environmental:

    ️· Width: 22.5mm
    ️· Mounting: Screw Fixable or DIN Rail mountable
    ️· Operating Temperature: -20°C to 60°C
    ️· Storage Temperature: -40°C to 85°C
    ️· IP Protection: IP20 (Terminals), IP50 (Housing)

    Other Notable Features:

    ️· Setting Accuracy: +/- 10% of full scale
    ️· Repeat Accuracy: +/- 0.2%
    ️· Durability: 20 million mechanical cycles
    ️· Standards: EN/IEC 61812-1, GL, CSA, UL certified.
    ️· Application: Suitable for controlling delayed switching off of various loads.

    Documentation Includes:

    ️· Detailed technical specifications
    ️· Dimensional drawings
    ️· Wiring diagrams
    ️· Performance curves (AC load & DC load limit)
    ️· Technical description of the timing function.

    In essence, the RE7RB13MW is a versatile and reliable timing relay designed for industrial automation and control applications requiring a precise and adjustable off-delay function.

    ## Summary of the Schneider Electric RE7RB13MW Adjustable Off-Delay Timing Relay

    This document details the specifications and characteristics of the Schneider Electric RE7RB13MW, a Zelio Time series adjustable off-delay timing relay. Here's a breakdown of the key features:

    Core Functionality:

    ️· Type: Adjustable Off-Delay (K) - Output turns off *after* a set delay following de-energization.
    ️· Time Range: 0.05 seconds to 10 minutes.
    ️· Output Contacts: 2 C/O (Changeover) contacts.

    Electrical Characteristics:

    ️· Supply Voltage: 24-240V AC/DC
    ️· Thermal Current (Ith): 5A
    ️· Rated Operational Current (Ie):
    - 2A DC-13 @ 24V
    - 0.1A DC-13 @ 250V
    - 0.2A DC-13 @ 115V
    - 3A AC-15 @ 70°C
    ️· Minimum Switching Capacity: 10mA @ 12V

    Mechanical & Environmental:

    ️· Width: 22.5mm
    ️· Mounting: Screw Fixable or DIN Rail mountable
    ️· Operating Temperature: -20°C to 60°C
    ️· Storage Temperature: -40°C to 85°C
    ️· IP Protection: IP20 (Terminals), IP50 (Housing)

    Other Notable Features:

    ️· Setting Accuracy: +/- 10% of full scale
    ️· Repeat Accuracy: +/- 0.2%
    ️· Durability: 20 million mechanical cycles
    ️· Standards: EN/IEC 61812-1, GL, CSA, UL certified.
    ️· Application: Suitable for controlling delayed switching off of various loads.

    Documentation Includes:

    ️· Detailed technical specifications
    ️· Dimensional drawings
    ️· Wiring diagrams
    ️· Performance curves (AC load & DC load limit)
    ️· Technical description of the timing function.

    In essence, the RE7RB13MW is a versatile and reliable timing relay designed for industrial automation and control applications requiring a precise and adjustable off-delay function.

    Part No.RE7RB13MW
    ManufacturerSCHNEIDER
    Size210 Kbytes
    Pages7 pages
    Descriptionadjustable off-delay timing relay - 0.05..1 s - 240 V AC DC - 2OC
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com