Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RE7RB13MW Datasheet(PDF) 5 Page - Schneider Electric

No. de pieza RE7RB13MW
Descripción Electrónicos  adjustable off-delay timing relay - 0.05..1 s - 240 V AC DC - 2OC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE7RB13MW Datasheet(HTML) 5 Page - Schneider Electric

  RE7RB13MW Datasheet HTML 1Page - Schneider Electric RE7RB13MW Datasheet HTML 2Page - Schneider Electric RE7RB13MW Datasheet HTML 3Page - Schneider Electric RE7RB13MW Datasheet HTML 4Page - Schneider Electric RE7RB13MW Datasheet HTML 5Page - Schneider Electric RE7RB13MW Datasheet HTML 6Page - Schneider Electric RE7RB13MW Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Product data sheet
Performance Curves
RE7RB13MW
Performance Curves
A.C. Load Curve 1
Electrical durability of contacts on resistive loading millions of operating cycles
X Current broken in A
Y Millions of operating cycles
A.C. Load Curve 2
Reduction factor k for inductive loads (applies to values taken from durability curve 1).
X Power factor on breaking (cos ϕ)
Y Reduction factor k
Example: An LC1-F185 contactor supplied with 115 V/50 Hz for a consumption of 55 VA or a current consumption equal to 0.1 A and cos
ϕ = 0.3. For 0.1 A, curve 1 indicates a durability of approximately 1.5 million operating cycles. As the load is inductive, it is necessary to
apply a reduction coefficient k to this number of cycles as indicated by curve 2. For cos ϕ = 0.3: k = 0.6 The electrical durability therefore
becomes:1.5 106 operating cycles x 0.6 = 900 000 operating cycles.
D. C. Load Limit Curve
X Current in A
Y Voltage in V
1 L/R = 20 ms



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com