Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSC05B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CSC05B Datasheet

  • # Example questions: ➢ What should someone contact ff2aresistors@vishay.com for?
    ➢ What are the key testing standards mentioned for the resistors, specifically regarding solvent resistance and solderability?
    ➢ What is the power rating difference between a csc12a and a csc12b resistor?

  • Part No.CSC05B
    ManufacturerVISHAY
    Size195 Kbytes
    Pages4 pages
    DescriptionThick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
    Datasheet Summary with AI

    # Vishay Dale CSC Thick Film Resistor Networks

    ## Features
    · Available in 0.195" ("A") and 0.250" ("B") profiles
    · Highly stable thick film resistors
    · Low temperature coefficient: ± 100ppm/°C (-55°C to +125°C)
    · Epoxy conformal coating for resistor protection
    · Wide resistance range available
    · Available in bag or tube packaging
    · Reduces assembly costs

    ## Schematics & Configurations
    · 01 Schematic: Pin #1 common to all resistors.
    · 03 Schematic: Isolated resistors.
    · 05 Schematic: Series pairs of resistors connected to input terminals (for TTL dual-line termination & pulse squaring).

    ## Electrical Specifications
    · Resistance Range: 10Ω - 2.2MΩ
    · Tolerance: ±2% (1% available on request)
    · Power Rating: 0.20W - 0.40W (depending on model/profile)
    · Operating Voltage: 100 VDC Max
    · Temperature Coefficient of Resistance (TCR): ±100ppm/°C, ±150ppm/°C (depending on model)

    ## Mechanical Specifications
    · Dimensions vary based on the number of resistors and profile ("A" or "B"). See datasheet for details.
    · Terminal material: Copper alloy, solder plated.
    · Body material: High alumina, epoxy coated.

    ## Ordering Information
    · CSC: Model designation
    · 08: Number of pins (example)
    · A/B: Profile designation
    · Resistance Value: Specified using a three-digit code (first two digits are significant figures, third indicates number of zeros).
    · Tolerance: G = ±2%

    ## Performance Testing
    · Thermal Shock: ±0.50% ΔR
    · Short Time Overload: ±0.25% ΔR
    · Low Temperature Operation: ±0.25% ΔR
    · Moisture Resistance: ±1.00% ΔR
    · Resistance to Soldering Heat: ±0.25% ΔR
    · Shock: ±0.25% ΔR
    · Vibration: ±0.25% ΔR
    · Load Life: ±1.00% ΔR

    ## Applications
    · 01 Schematic: "Wired OR" pull-up, open collector pull-up, power gate pull-up, TTL input pull-down
    · 03 Schematic: "Wired OR" pull-up, long-line impedance balancing, power driven pull-up, LED current limiting
    · 05 Schematic: Pulse squaring, TTL dual-line terminators

    # Vishay Dale CSC Thick Film Resistor Networks

    ## Features
    · Available in 0.195" ("A") and 0.250" ("B") profiles
    · Highly stable thick film resistors
    · Low temperature coefficient: ± 100ppm/°C (-55°C to +125°C)
    · Epoxy conformal coating for resistor protection
    · Wide resistance range available
    · Available in bag or tube packaging
    · Reduces assembly costs

    ## Schematics & Configurations
    · 01 Schematic: Pin #1 common to all resistors.
    · 03 Schematic: Isolated resistors.
    · 05 Schematic: Series pairs of resistors connected to input terminals (for TTL dual-line termination & pulse squaring).

    ## Electrical Specifications
    · Resistance Range: 10Ω - 2.2MΩ
    · Tolerance: ±2% (1% available on request)
    · Power Rating: 0.20W - 0.40W (depending on model/profile)
    · Operating Voltage: 100 VDC Max
    · Temperature Coefficient of Resistance (TCR): ±100ppm/°C, ±150ppm/°C (depending on model)

    ## Mechanical Specifications
    · Dimensions vary based on the number of resistors and profile ("A" or "B"). See datasheet for details.
    · Terminal material: Copper alloy, solder plated.
    · Body material: High alumina, epoxy coated.

    ## Ordering Information
    · CSC: Model designation
    · 08: Number of pins (example)
    · A/B: Profile designation
    · Resistance Value: Specified using a three-digit code (first two digits are significant figures, third indicates number of zeros).
    · Tolerance: G = ±2%

    ## Performance Testing
    · Thermal Shock: ±0.50% ΔR
    · Short Time Overload: ±0.25% ΔR
    · Low Temperature Operation: ±0.25% ΔR
    · Moisture Resistance: ±1.00% ΔR
    · Resistance to Soldering Heat: ±0.25% ΔR
    · Shock: ±0.25% ΔR
    · Vibration: ±0.25% ΔR
    · Load Life: ±1.00% ΔR

    ## Applications
    · 01 Schematic: "Wired OR" pull-up, open collector pull-up, power gate pull-up, TTL input pull-down
    · 03 Schematic: "Wired OR" pull-up, long-line impedance balancing, power driven pull-up, LED current limiting
    · 05 Schematic: Pulse squaring, TTL dual-line terminators

    Part No.CSC05B
    ManufacturerVISHAY
    Size195 Kbytes
    Pages4 pages
    DescriptionThick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com