Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CEFB101-G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CEFB101-G Datasheet

  • # Example questions: ➢ What is the maximum repetitive peak reverse voltage for the cefb103-g model?
    ➢ How does the maximum dc reverse current change between a junction temperature of 25°c and 100°c?
    ➢ What are the recommended pcb pad dimensions to achieve the specified thermal resistance of 13°c/w?

  • Part No.CEFB101-G
    ManufacturerCOMCHIP
    Size126 Kbytes
    Pages2 pages
    DescriptionSMD Efficient Fast Recovery Rectifier
    Datasheet Summary with AI

    # SMD Efficient Fast Recovery Rectifier

    ## General Information

    ️· RoHS Compliant: "-G" suffix designates RoHS compliance.
    ️· Voltage Range: 50 to 600 Volts (Reverse Voltage)
    ️· Current Rating: 1.0 Amp
    ️· Applications: Ideal for surface mount applications
    ️· Package: JEDEC DO-214AA molded plastic, with strain relief
    ️· Weight: Approximately 0.063 gram

    ## Mechanical Data & Marking

    ️· Case: JEDEC DO-214AA molded plastic
    ️· Terminals: Solderable per MIL-STD-750, method 2026
    ️· Polarity: Color band denotes cathode end
    ️· Flammability: Plastic package has Underwriters Lab. flammability classification 94V-0

    ## Electrical Characteristics & Ratings

    |Parameter|Symbol|CEFB101-G|CEFB102-G|CEFB103-G|CEFB104-G|CEFB105-G|Unit|
    |---|---|---|---|---|---|---|---|
    |Max. Repetitive Peak Reverse Voltage|VRRM|50|100|200|400|600|V|
    |Max. DC Blocking Voltage|VDC|50|100|200|400|600|V|
    |Max. RMS Voltage|VRMS|35|70|140|280|420|V|
    |Peak Surge Forward Current (8.3ms)|IFSM|30|30|30|30|30|A|
    |Max. Average Forward Current|Io|1.0|1.0|1.0|1.0|1.0|A|
    |Max. Instantaneous Forward Voltage (at 1.0A)|VF|0.875|0.875|0.875|1.1|1.25|V|
    |Reverse Recovery Time|Trr|25|25|25|35|50|nS|
    |Max. DC Reverse Current (at Rated Voltage, Ta=25/100°C)|IR|5.0/200|5.0/200|5.0/200|5.0/200|5.0/200|uA|
    |Max. Thermal Resistance (junction to lead)|R JL|13|13|13|13|13|oC/W|
    |Max. Operating Junction Temperature|Tj|150|150|150|150|150|oC|
    |Storage Temperature Range|TSTG|-55 to +150|oC|

    Note: Thermal resistance from junction to lead mounted on PCB with 8.0mmx8.0mm copper pad areas.

    # SMD Efficient Fast Recovery Rectifier

    ## General Information

    ️· RoHS Compliant: "-G" suffix designates RoHS compliance.
    ️· Voltage Range: 50 to 600 Volts (Reverse Voltage)
    ️· Current Rating: 1.0 Amp
    ️· Applications: Ideal for surface mount applications
    ️· Package: JEDEC DO-214AA molded plastic, with strain relief
    ️· Weight: Approximately 0.063 gram

    ## Mechanical Data & Marking

    ️· Case: JEDEC DO-214AA molded plastic
    ️· Terminals: Solderable per MIL-STD-750, method 2026
    ️· Polarity: Color band denotes cathode end
    ️· Flammability: Plastic package has Underwriters Lab. flammability classification 94V-0

    ## Electrical Characteristics & Ratings

    Parameter Symbol CEFB101-G CEFB102-G CEFB103-G CEFB104-G CEFB105-G Unit
    Max. Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 V
    Max. DC Blocking Voltage VDC 50 100 200 400 600 V
    Max. RMS Voltage VRMS 35 70 140 280 420 V
    Peak Surge Forward Current (8.3ms) IFSM 30 30 30 30 30 A
    Max. Average Forward Current Io 1.0 1.0 1.0 1.0 1.0 A
    Max. Instantaneous Forward Voltage (at 1.0A) VF 0.875 0.875 0.875 1.1 1.25 V
    Reverse Recovery Time Trr 25 25 25 35 50 nS
    Max. DC Reverse Current (at Rated Voltage, Ta=25/100°C) IR 5.0/200 5.0/200 5.0/200 5.0/200 5.0/200 uA
    Max. Thermal Resistance (junction to lead) R JL 13 13 13 13 13 oC/W
    Max. Operating Junction Temperature Tj 150 150 150 150 150 oC
    Storage Temperature Range TSTG -55 to +150 oC

    Note: Thermal resistance from junction to lead mounted on PCB with 8.0mmx8.0mm copper pad areas.

    Part No.CEFB101-G
    ManufacturerCOMCHIP
    Size126 Kbytes
    Pages2 pages
    DescriptionSMD Efficient Fast Recovery Rectifier
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com