Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LVQ245 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 74LVQ245 Datasheet

  • # Example questions: ➢ What is the typical value for the quiescent supply current (icc) when the device is in a quiescent state?
    ➢ What is the operating voltage range, specifically, between which minimum and maximum vcc values is the device guaranteed to function correctly?
    ➢ What is the maximum allowable storage temperature for this 74lvq245 ic?

  • Part No.74LVQ245
    ManufacturerSTMICROELECTRONICS
    Size67 Kbytes
    Pages8 pages
    DescriptionLOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
    Datasheet Summary with AI

    # 74LVQ245 Low Voltage CMOS Octal Bus Transceiver

    ## Overview
    ️· Low voltage, high-speed CMOS octal bus transceiver.
    ️· 3-state output.
    ️· Ideal for 3.3V applications.
    ️· Compatible with TTL outputs.

    ## Key Features
    ️· High Speed: tPD = 6 ns (typical) at VCC = 3.3V.
    ️· Low Power: ICC = 5 µA (max) at TA = 25°C.
    ️· Low Noise: VOLP = 0.5V (typical) at VCC = 3.3V.
    ️· Driving Capability: 75Ω transmission line driving.
    ️· Output Drive: |IOH| = IOL = 12 mA (min), PCI bus levels guaranteed at 24mA.
    ️· Voltage Range: VCC (OPR) = 2V to 3.6V (1.2V data retention).
    ️· ESD Protection: 2kV ESD immunity.
    ️· Latch-up Immunity: Improved latch-up immunity.

    ## Pin Configuration
    ️· DIR: Directional control input.
    ️· A1-A8, B1-B8: Data inputs/outputs.
    ️· G: Output enable input.
    ️· VCC: Positive supply voltage.
    ️· GND: Ground (0V).

    ## Truth Table
    ️· G = Low, DIR = Low: Output, A = B.
    ️· G = Low, DIR = High: Output, B = A.
    ️· G = High: High impedance.

    ## Absolute Maximum Ratings
    ️· (See datasheet for specific values – not detailed here)

    ## Electrical Characteristics
    ️· Supply Voltage (VCC): 2.0V – 3.6V
    ️· Propagation Delay (tPLH/tPHL): 6 ns (typical) at 3.3V
    ️· Output Enable Time (tPZL/tPZH): 9.5 ns (typical) at 3.3V.
    ️· Output Disable Time (tPLZ/tPHZ): 10ns (typical) at 3.3V

    ## Package Options
    ️· SO-20
    ️· TSSOP-20

    ## Note
    ️· Detailed specifications and test conditions can be found in the complete datasheet.

    # 74LVQ245 Low Voltage CMOS Octal Bus Transceiver

    ## Overview
    ️· Low voltage, high-speed CMOS octal bus transceiver.
    ️· 3-state output.
    ️· Ideal for 3.3V applications.
    ️· Compatible with TTL outputs.

    ## Key Features
    ️· High Speed: tPD = 6 ns (typical) at VCC = 3.3V.
    ️· Low Power: ICC = 5 µA (max) at TA = 25°C.
    ️· Low Noise: VOLP = 0.5V (typical) at VCC = 3.3V.
    ️· Driving Capability: 75Ω transmission line driving.
    ️· Output Drive: |IOH| = IOL = 12 mA (min), PCI bus levels guaranteed at 24mA.
    ️· Voltage Range: VCC (OPR) = 2V to 3.6V (1.2V data retention).
    ️· ESD Protection: 2kV ESD immunity.
    ️· Latch-up Immunity: Improved latch-up immunity.

    ## Pin Configuration
    ️· DIR: Directional control input.
    ️· A1-A8, B1-B8: Data inputs/outputs.
    ️· G: Output enable input.
    ️· VCC: Positive supply voltage.
    ️· GND: Ground (0V).

    ## Truth Table
    ️· G = Low, DIR = Low: Output, A = B.
    ️· G = Low, DIR = High: Output, B = A.
    ️· G = High: High impedance.

    ## Absolute Maximum Ratings
    ️· (See datasheet for specific values – not detailed here)

    ## Electrical Characteristics
    ️· Supply Voltage (VCC): 2.0V – 3.6V
    ️· Propagation Delay (tPLH/tPHL): 6 ns (typical) at 3.3V
    ️· Output Enable Time (tPZL/tPZH): 9.5 ns (typical) at 3.3V.
    ️· Output Disable Time (tPLZ/tPHZ): 10ns (typical) at 3.3V

    ## Package Options
    ️· SO-20
    ️· TSSOP-20

    ## Note
    ️· Detailed specifications and test conditions can be found in the complete datasheet.

    Part No.74LVQ245
    ManufacturerSTMICROELECTRONICS
    Size67 Kbytes
    Pages8 pages
    DescriptionLOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com