| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STF817 Datasheet
# Example questions:
➢ What is the maximum operating junction temperature (tj) for both transistors?
➢ What is the maximum collector current (ic) for both the stn817 and stf817 transistors?
➢ What is the typical thermal resistance junction-to-ambient (rthj-amb) for the sot-89 package?
# STF817 - STN817 NPN Transistors Summary
Device Overview:
️· Rugged, high-performance NPN transistors.
️· Available in SOT-223 and SOT-89 packages.
Absolute Maximum Ratings:
| Parameter | Value (Both Packages) | Unit |
|---|---|---|
| Collector-Base Voltage (VCBO) | -120 | V |
| Collector-Emitter Voltage (VCEO) | -80 | V |
| Emitter-Base Voltage (VEBO) | -5 | V |
| Collector Current (IC) | -1.5 | A |
| Collector Peak Current (ICM) | -2 | A |
| Base Current (IB) | -0.3 | A |
| Base Peak Current (IBM) | -0.6 | A |
| Total Dissipation (Ptot) | 1.6 (SOT-223), 1.4 (SOT-89) | W |
| Storage Temperature (Tstg) | -65 to +150 | °C |
| Junction Temperature (Tj) | 150 | °C |
| Parameter | Symbol | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| Collector Cut-off Current (VBE = 0) | ICES | -500 | µA | ||
| Collector Cut-off Current (IB = 0) | ICEO | -1 | mA | ||
| Emitter Cut-off Current (IC = 0) | IEBO | -100 | µA | ||
| Collector-Emitter Sustaining Voltage (IB = 0, IC = -10mA) | VCEO(sus) | -80 | V | ||
| Collector-Emitter Saturation Voltage (IC = -100mA, IB = -10mA) | VCE(sat) | -0.25 | V | ||
| Collector-Emitter Saturation Voltage (IC = -1A, IB = -100mA) | VCE(sat) | -0.5 | V | ||
| Base-Emitter Saturation Voltage (IC = -100mA, IB = -10mA) | VBE(sat) | -1 | V | ||
| Base-Emitter Saturation Voltage (IC = -1A, IB = -100mA) | VBE(sat) | -1.1 | V | ||
| DC Current Gain (IC = -100mA, VCE = -2V) | hFE | 140 | |||
| DC Current Gain (IC = -500mA, VCE = -2V) | hFE | 80 | |||
| DC Current Gain (IC = -1A, VCE = -2V) | hFE | 40 | |||
| Transition Frequency (IC = -0.1A, VCE = -10V) | fT | 50 | MHz |
# STF817 - STN817 NPN Transistors Summary
Device Overview:
️· Rugged, high-performance NPN transistors.
️· Available in SOT-223 and SOT-89 packages.
Absolute Maximum Ratings:
| Parameter | Value (Both Packages) | Unit |
|---|---|---|
| Collector-Base Voltage (VCBO) | -120 | V |
| Collector-Emitter Voltage (VCEO) | -80 | V |
| Emitter-Base Voltage (VEBO) | -5 | V |
| Collector Current (IC) | -1.5 | A |
| Collector Peak Current (ICM) | -2 | A |
| Base Current (IB) | -0.3 | A |
| Base Peak Current (IBM) | -0.6 | A |
| Total Dissipation (Ptot) | 1.6 (SOT-223), 1.4 (SOT-89) | W |
| Storage Temperature (Tstg) | -65 to +150 | °C |
| Junction Temperature (Tj) | 150 | °C |
| Parameter | Symbol | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| Collector Cut-off Current (VBE = 0) | ICES | -500 | µA | ||
| Collector Cut-off Current (IB = 0) | ICEO | -1 | mA | ||
| Emitter Cut-off Current (IC = 0) | IEBO | -100 | µA | ||
| Collector-Emitter Sustaining Voltage (IB = 0, IC = -10mA) | VCEO(sus) | -80 | V | ||
| Collector-Emitter Saturation Voltage (IC = -100mA, IB = -10mA) | VCE(sat) | -0.25 | V | ||
| Collector-Emitter Saturation Voltage (IC = -1A, IB = -100mA) | VCE(sat) | -0.5 | V | ||
| Base-Emitter Saturation Voltage (IC = -100mA, IB = -10mA) | VBE(sat) | -1 | V | ||
| Base-Emitter Saturation Voltage (IC = -1A, IB = -100mA) | VBE(sat) | -1.1 | V | ||
| DC Current Gain (IC = -100mA, VCE = -2V) | hFE | 140 | |||
| DC Current Gain (IC = -500mA, VCE = -2V) | hFE | 80 | |||
| DC Current Gain (IC = -1A, VCE = -2V) | hFE | 40 | |||
| Transition Frequency (IC = -0.1A, VCE = -10V) | fT | 50 | MHz |
| Part No. | STF817 |
| Manufacturer | STMICROELECTRONICS |
| Size | 57 Kbytes |
| Pages | 5 pages |
| Description | PNP MEDIUM POWER TRANSISTORS |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |