| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DAC312HP Datasheet
# Example questions:
➢ What precaution should be taken when handling the dac312 due to its sensitivity?
➢ What is the typical temperature range for the dac312er2 model?
➢ What type of output scale is achieved when using the 'offset binary; true zero output' code format, as described in the 'basic connections' table?
1. Overview: DAC312 - A Digital-to-Analog Converter
The DAC312 is a 12-bit digital-to-analog converter (DAC) designed primarily for bipolar operational amplifier applications. It is characterized by:
️· Resolution: 12-bit
️· Code Formats: Supports both Offset Binary (True Zero Output) and 2's Complement code formats.
️· Applications: Ideal for use with bipolar op-amps and similar circuits requiring precise analog voltage control.
️· Flexibility: Can be used with both positive and negative voltage references.
2. Key Features & Specifications
️· Digital Input: 12-bit parallel data input.
️· Analog Output: Precision analog voltage output.
️· Reference Amplifier: Integrated reference amplifier for stable operation. The amp's characteristics are detailed later in the document (small-signal frequency response, common-mode range, etc.).
️· Output Scaling: Capable of producing a wide range of output voltage spans, as shown in the Output Scaling table towards the end of the document.
️· True Zero Output (Offset Binary Code): This allows for outputs that include zero voltage accurately.
️· Low Power Consumption: Designed for efficient operation.
️· Package Options: Available in various packages, including:
- 20-Pin Hermetic DIP (R)
- 20-Pin Plastic DIP (P)
- 20-Pin SOL (S)
️· Temperature Range Options:
- 0°C to +70°C (Commercial)
- -40°C to +85°C (Industrial)
- -55°C to +125°C (Military - requires /883 suffix)
️· ESD Protection: The DAC312 includes proprietary ESD protection circuitry but recommends proper ESD precautions during handling.
3. Code Formats and Output Scaling
️· Offset Binary (True Zero Output):
- Produces outputs that include a true zero voltage accurately.
- See Output Scaling Table for detailed output voltage ranges and current values for each bit pattern.
️· 2's Complement (MSB Complemented):
- Requires an inverter at the MSB (Most Significant Bit) input.
- Also see Output Scaling Table for output details.
4. Reference Amplifier Characteristics
The DAC312 incorporates a reference amplifier with the following notable features (refer to documentation for precise figures):
️· Small-Signal Frequency Response
️· Common-Mode Range
️· Large-Signal Frequency Response
️· Gain Accuracy
5. Electrical Characteristics
️· Absolute Maximum Ratings: (See datasheet - specific values provided in the document)
️· Recommended Operating Conditions: (See datasheet - ranges for voltage, temperature, etc.)
️· Thermal Characteristics: (JA, JC values provided; refer to table for details. JA represents thermal resistance from case to ambient, and JC is from case to junction)
6. Ordering Information
| Model | DNL | Temperature Range | Package Description | Package Option |
|---|---|---|---|---|
| DAC312ER2 | ±1/2 LSB | 0°C to +70°C | Cerdip-20 | Q-20 |
| DAC312FR | ±1 LSB | -40°C to +85°C | Cerdip-20 | Q-20 |
| DAC312BR/883 | ±1 LSB | -55°C to +125°C | Cerdip-20 | Q-20 |
| DAC312HP | ±1 LSB | -40°C to +85°C | Plastic DIP-20 | N-20 |
| DAC312HS | ±1 LSB | -40°C to +85°C | SOL-20 | R-20 |
1. Overview: DAC312 - A Digital-to-Analog Converter
The DAC312 is a 12-bit digital-to-analog converter (DAC) designed primarily for bipolar operational amplifier applications. It is characterized by:
️· Resolution: 12-bit
️· Code Formats: Supports both Offset Binary (True Zero Output) and 2's Complement code formats.
️· Applications: Ideal for use with bipolar op-amps and similar circuits requiring precise analog voltage control.
️· Flexibility: Can be used with both positive and negative voltage references.
2. Key Features & Specifications
️· Digital Input: 12-bit parallel data input.
️· Analog Output: Precision analog voltage output.
️· Reference Amplifier: Integrated reference amplifier for stable operation. The amp's characteristics are detailed later in the document (small-signal frequency response, common-mode range, etc.).
️· Output Scaling: Capable of producing a wide range of output voltage spans, as shown in the Output Scaling table towards the end of the document.
️· True Zero Output (Offset Binary Code): This allows for outputs that include zero voltage accurately.
️· Low Power Consumption: Designed for efficient operation.
️· Package Options: Available in various packages, including:
- 20-Pin Hermetic DIP (R)
- 20-Pin Plastic DIP (P)
- 20-Pin SOL (S)
️· Temperature Range Options:
- 0°C to +70°C (Commercial)
- -40°C to +85°C (Industrial)
- -55°C to +125°C (Military - requires /883 suffix)
️· ESD Protection: The DAC312 includes proprietary ESD protection circuitry but recommends proper ESD precautions during handling.
3. Code Formats and Output Scaling
️· Offset Binary (True Zero Output):
- Produces outputs that include a true zero voltage accurately.
- See Output Scaling Table for detailed output voltage ranges and current values for each bit pattern.
️· 2's Complement (MSB Complemented):
- Requires an inverter at the MSB (Most Significant Bit) input.
- Also see Output Scaling Table for output details.
4. Reference Amplifier Characteristics
The DAC312 incorporates a reference amplifier with the following notable features (refer to documentation for precise figures):
️· Small-Signal Frequency Response
️· Common-Mode Range
️· Large-Signal Frequency Response
️· Gain Accuracy
5. Electrical Characteristics
️· Absolute Maximum Ratings: (See datasheet - specific values provided in the document)
️· Recommended Operating Conditions: (See datasheet - ranges for voltage, temperature, etc.)
️· Thermal Characteristics: (JA, JC values provided; refer to table for details. JA represents thermal resistance from case to ambient, and JC is from case to junction)
6. Ordering Information
| Model | DNL | Temperature Range | Package Description | Package Option |
|---|---|---|---|---|
| DAC312ER2 | ±1/2 LSB | 0°C to +70°C | Cerdip-20 | Q-20 |
| DAC312FR | ±1 LSB | -40°C to +85°C | Cerdip-20 | Q-20 |
| DAC312BR/883 | ±1 LSB | -55°C to +125°C | Cerdip-20 | Q-20 |
| DAC312HP | ±1 LSB | -40°C to +85°C | Plastic DIP-20 | N-20 |
| DAC312HS | ±1 LSB | -40°C to +85°C | SOL-20 | R-20 |
| Part No. | DAC312HP |
| Manufacturer | AD |
| Size | 269 Kbytes |
| Pages | 14 pages |
| Description | 12-Bit High Speed Multiplying D/A Converter |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |