Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI5C3245L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PI5C3245L Datasheet

  • # Example questions: ➢ What are the key features and applications of the pi5c3245 8-bit bus switch?
    ➢ The datasheet mentions both 'pb-free & green' and 'tape/reel' options. explain what these signify regarding the product's environmental impact and packaging.
    ➢ What are the typical and maximum values for the 'switch on resistance' (ron) of the pi5c3245?

  • Part No.PI5C3245L
    ManufacturerPERICOM
    Size352 Kbytes
    Pages5 pages
    Description8-Bit, 2-Port Bus Switch
    Datasheet Summary with AI

    PI5C3245 8-Bit Bi-Directional Bus Switch – Key Features & Specifications

    1. Core Function:

    ️· This is a high-speed, low-voltage, bi-directional 8-bit bus switch, controlled by a single enable (BE) input. It's designed to facilitate data transfer between two 8-bit lines.

    2. Key Benefits/Characteristics:

    ️· Low ON-Resistance: Typical RON of 5 ohms, minimizing signal loss.
    ️· High Bandwidth: Suitable for a wide range of data rates.
    ️· Low Power Consumption: Designed for low-voltage operation (VCC typically 5V) with low quiescent current.
    ️· Bi-Directional: Supports data flow in either direction.
    ️· Enable Control: A single enable pin (BE) controls the switch, allowing easy on/off control of the signal path.
    ️· Multiple Package Options: Available in QSOP, SOIC and TSSOP packages.

    3. Electrical Specifications (Typical Values):

    ️· Operating Voltage: 5V +/- 5%
    ️· Quiescent Current (ICC): 0.1 – 3 µA (very low)
    ️· Propagation Delay (tPLH/tPHL): 0.25 ns (This is extremely fast, contributing minimal delay to the system).
    ️· Enable Time (tPZH/tPZL): ~1.5 – 6.5ns
    ️· Switch On Resistance (RON): 5 ohms (typical)

    4. Applications:

    ️· This type of bus switch is useful in a variety of applications including:
    - Microprocessor/Memory Address/Data Bus Switching
    - Peripheral Address/Data Bus Switching
    - Digital Switching Systems

    5. Package Options:

    ️· QSOP (20-pin)
    ️· SOIC (20-pin)
    ️· TSSOP (20-pin)
    ️· Tape and Reel options available with "X" suffix

    6. Ordering Information:

    ️· The datasheet provides a list of part numbers corresponding to different packages and lead finishes (e.g., Pb-free/Green options).

    7. Additional Information:

    ️· Thermal characteristics and detailed package dimensions are available on the Pericom website.
    ️· The document emphasizes that the switch contributes minimal delay to the overall system.



    This summary provides a comprehensive overview of the PI5C3245 bus switch based on the information contained in the datasheet. It is geared towards someone who needs to understand the key features and specifications for potential use in a design.

    PI5C3245 8-Bit Bi-Directional Bus Switch – Key Features & Specifications

    1. Core Function:

    ️· This is a high-speed, low-voltage, bi-directional 8-bit bus switch, controlled by a single enable (BE) input. It's designed to facilitate data transfer between two 8-bit lines.

    2. Key Benefits/Characteristics:

    ️· Low ON-Resistance: Typical RON of 5 ohms, minimizing signal loss.
    ️· High Bandwidth: Suitable for a wide range of data rates.
    ️· Low Power Consumption: Designed for low-voltage operation (VCC typically 5V) with low quiescent current.
    ️· Bi-Directional: Supports data flow in either direction.
    ️· Enable Control: A single enable pin (BE) controls the switch, allowing easy on/off control of the signal path.
    ️· Multiple Package Options: Available in QSOP, SOIC and TSSOP packages.

    3. Electrical Specifications (Typical Values):

    ️· Operating Voltage: 5V +/- 5%
    ️· Quiescent Current (ICC): 0.1 – 3 µA (very low)
    ️· Propagation Delay (tPLH/tPHL): 0.25 ns (This is extremely fast, contributing minimal delay to the system).
    ️· Enable Time (tPZH/tPZL): ~1.5 – 6.5ns
    ️· Switch On Resistance (RON): 5 ohms (typical)

    4. Applications:

    ️· This type of bus switch is useful in a variety of applications including:
    - Microprocessor/Memory Address/Data Bus Switching
    - Peripheral Address/Data Bus Switching
    - Digital Switching Systems

    5. Package Options:

    ️· QSOP (20-pin)
    ️· SOIC (20-pin)
    ️· TSSOP (20-pin)
    ️· Tape and Reel options available with "X" suffix

    6. Ordering Information:

    ️· The datasheet provides a list of part numbers corresponding to different packages and lead finishes (e.g., Pb-free/Green options).

    7. Additional Information:

    ️· Thermal characteristics and detailed package dimensions are available on the Pericom website.
    ️· The document emphasizes that the switch contributes minimal delay to the overall system.



    This summary provides a comprehensive overview of the PI5C3245 bus switch based on the information contained in the datasheet. It is geared towards someone who needs to understand the key features and specifications for potential use in a design.

    Part No.PI5C3245L
    ManufacturerPERICOM
    Size352 Kbytes
    Pages5 pages
    Description8-Bit, 2-Port Bus Switch
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com