Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI5C3245L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

No. de pieza PI5C3245L
Descripción Electrónicos  8-Bit, 2-Port Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3245L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3245L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3245L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3245L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3245L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3245L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS7015D
05/11/06
Function
BE
A0–7
Disconnect
H
Hi-Z
Connect
L
B0–7
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Block Diagram
Pin Description
Pin Name
Description
BE
Bus Enable Input (Active LOW)
A07
Bus A
B07
Bus B
GND
Ground
VCC
Power
PinConfiguration
PI5C3245
8-Bit, 2-Port Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• Direct bus connection when switches are on
• Ultra Low Quiescent Power (0.2μA typical)
– Ideally suited for notebook applications
• Pin compatible with 74 series 245 logic devices
• Packaging (Pb-free & Green available):
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 300-mil wide plastic SOIC (S)
Description
Pericom Semiconductor’s PI5C3245 is a 8-bit, 2-port bus switch
designed with a low On-Resistance (5-ohm) allowing inputs to be
connected directly to outputs. The bus switch creates no additional
propagationaldelayoradditionalgroundbounce noise.Theswitches
are turned on by the Bus Enable (BE) input signal. The pinout is
compatible with PI74FCT245T (Octal Bidirectional Transceiver).
BE
A7
A0
B7
B0
VCC
NC
1
20
BE
A0
219
B0
A1
318
B1
A2
417
B2
A3
516
B3
A4
615
B4
A5
714
B5
A6
813
B6
A7
912
B7
GND
10
11
06-0239


Número de pieza similar - PI5C3245L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI5C3245LE PERICOM-PI5C3245LE Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
More results

Descripción similar - PI5C3245L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
8-Bit, 2-Port Bus Switch
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
8-Bit, 2-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3384S PERICOM-PI5C3384S Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com