Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS7C164A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AS7C164A Datasheet

  • # Example questions: ➢ What is the maximum standby power supply current (isb1) specified in the datasheet?
    ➢ What is the typical input high voltage (vih)?
    ➢ What is the minimum supply voltage (vcc) specified in the datasheet?

  • Part No.AS7C164A
    ManufacturerETC2
    Size459 Kbytes
    Pages10 pages
    Description8K X 8 BIT HIGH SPEED CMOS SRAM
    Datasheet Summary with AI

    Okay, I'm going to process the text you provided and summarize it into a more structured and understandable format. It appears to be a datasheet excerpt for a memory device (likely a SRAM or similar) from a company's documentation.

    Overall Description:

    This is a datasheet excerpt detailing the electrical characteristics of a memory device. It's providing information for engineers to properly design circuits using this memory chip.

    Key Sections and Summary:

    1. Supply Voltage (VCC):
    - Minimum: 5.4V
    - Maximum: 5.5V

    2. Input Voltages:
    - Input High Voltage (V IH): Minimum 4.2V
    - Input Low Voltage (V IL): Maximum 0.8V. (Important: This defines the acceptable range of voltages for input signals.)

    3. Input/Output Leakage Currents:
    - Input Leakage Current (I LI): A small amount of current that leaks through the input pins when the device is off. The datasheet provides min/max limits.
    - Output Leakage Current (I LO): Current that leaks through the output pins when the device is disabled. Also has specified limits.

    4. Output Voltage Levels:
    - Output High Voltage (V OH): Voltage at the output when the output is high.
    - Output Low Voltage (V OL): Voltage at the output when the output is low.

    5. Power Consumption:
    - Average Operating Current (ICC): The average amount of current the chip consumes when it's actively operating. Specifications vary depending on the mode (cycle time, I/O state, etc.). The datasheet provides current consumption under different operating conditions, including a "standby power" mode.
    - Standby Power Current (ISB1): Current consumption when the device is in a low-power standby mode.

    Important Notes & Context:

    ️· Test Conditions: Many of the specifications are given with specific *test conditions* outlined. These are the precise setup needed to measure the characteristic.
    ️· Units: Pay close attention to the units! (Volts - V, Milliamps - mA, Microamps - µA)
    ️· Datasheet Purpose: This is just a small portion of a full datasheet. It primarily provides critical parameters for electrical design and troubleshooting. A full datasheet would include timing diagrams, pinouts, package information, and other details.
    ️· Memory Type: The specific memory type is not explicitly stated but from the characteristics described and context, it's highly likely a type of SRAM (Static RAM).

    In summary, this datasheet extract gives electrical engineers the crucial parameters needed to properly integrate this memory device into a circuit and ensure it operates reliably within specified conditions.

    Overall Description:

    This is a datasheet excerpt detailing the electrical characteristics of a memory device. It's providing information for engineers to properly design circuits using this memory chip.

    Key Sections and Summary:

    1. Supply Voltage (VCC):
    - Minimum: 5.4V
    - Maximum: 5.5V

    2. Input Voltages:
    - Input High Voltage (V IH): Minimum 4.2V
    - Input Low Voltage (V IL): Maximum 0.8V. (Important: This defines the acceptable range of voltages for input signals.)

    3. Input/Output Leakage Currents:
    - Input Leakage Current (I LI): A small amount of current that leaks through the input pins when the device is off. The datasheet provides min/max limits.
    - Output Leakage Current (I LO): Current that leaks through the output pins when the device is disabled. Also has specified limits.

    4. Output Voltage Levels:
    - Output High Voltage (V OH): Voltage at the output when the output is high.
    - Output Low Voltage (V OL): Voltage at the output when the output is low.

    5. Power Consumption:
    - Average Operating Current (ICC): The average amount of current the chip consumes when it's actively operating. Specifications vary depending on the mode (cycle time, I/O state, etc.). The datasheet provides current consumption under different operating conditions, including a "standby power" mode.
    - Standby Power Current (ISB1): Current consumption when the device is in a low-power standby mode.

    Important Notes & Context:

    ️· Test Conditions: Many of the specifications are given with specific *test conditions* outlined. These are the precise setup needed to measure the characteristic.
    ️· Units: Pay close attention to the units! (Volts - V, Milliamps - mA, Microamps - µA)
    ️· Datasheet Purpose: This is just a small portion of a full datasheet. It primarily provides critical parameters for electrical design and troubleshooting. A full datasheet would include timing diagrams, pinouts, package information, and other details.
    ️· Memory Type: The specific memory type is not explicitly stated but from the characteristics described and context, it's highly likely a type of SRAM (Static RAM).

    In summary, this datasheet extract gives electrical engineers the crucial parameters needed to properly integrate this memory device into a circuit and ensure it operates reliably within specified conditions.

    Part No.AS7C164A
    ManufacturerETC2
    Size459 Kbytes
    Pages10 pages
    Description8K X 8 BIT HIGH SPEED CMOS SRAM
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com