Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L4969UR-E Datasheet

  • # Example questions: ➢ Compare the maximum drain current (i) for the 'vnd830' series versus the 'vnd5050' series. what are the typical ranges for each?
    ➢ Several parts are marked as 'in development'. what are the expected availability quarters for these parts?
    ➢ What are the common package types for the 'vnd5e' series of high-side switches?

  • Part No.L4969UR-E
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages22 pages
    Descriptionfor car body applications
    Datasheet Summary with AI

    Okay, I've reviewed the provided text, which appears to be a datasheet or catalog excerpt for high-side power switches. Here's a summary, broken down into key observations and potential uses.

    Overall:

    ️· Product Type: The document details various high-side N-Channel power MOSFETs, designed for switching loads in automotive, industrial, and general applications. They are specifically marketed for applications where the load is connected to ground and the power supply is switched on/off.
    ️· Key Features: These devices offer overcurrent protection, thermal shutdown, and typically have a digital input for control.
    ️· Packages: A wide range of packages are offered, including PowerSO-10, PowerSO-24, PowerSSO-12, SO-16, SO-28, PQFN, and MultiPowerSO-30. This allows for flexibility in PCB layout and thermal management.
    ️· Voltage and Current: The parts cover a range of voltage ratings (4.5V to 5.5V) and current handling capabilities.
    ️· Series/Technology: Several series are represented, including "M0-5" and "M0-3" which likely indicate differences in internal architecture, protection features, or performance levels.

    Key Series/Groups

    ️· "VND5x" Series (M0-5 Technology): These appear to be more modern and higher-performance devices, offering features like lower on-resistance (Rds(on)), and potentially more advanced protection circuits. Many variants are offered with different current capabilities (e.g., 50A, 25A, 12A, 6A).
    ️· "VND8x" and "VND9x" Series (M0-3 Technology): These are older or more basic devices. They still provide essential functionality but may have higher Rds(on) or less sophisticated protection features.
    ️· "VND6x" Series (M0-3 Technology): These seem to be somewhat similar to the "VND8x" and "VND9x" devices, likely offering a balance of performance and cost.

    Key Parameters to Consider (when choosing a part):

    ️· Rds(on): The on-resistance of the MOSFET, which determines the power loss during switching. Lower Rds(on) is better.
    ️· Max Current: The maximum continuous current the device can handle.

    ️· Voltage Rating: The maximum voltage the device can withstand.
    ️· Package Type: Affects thermal performance and PCB layout.
    ️· Protection Features: Overcurrent protection, thermal shutdown, and other features are important for reliability.
    ️· Digital Input: The ability to control the switch with a digital signal (e.g., from a microcontroller).



    In Summary:

    This datasheet provides a comprehensive overview of high-side power switches for various applications. Choosing the correct device requires careful consideration of the application requirements, including voltage, current, power dissipation, and desired protection features.

    Overall:

    ️· Product Type: The document details various high-side N-Channel power MOSFETs, designed for switching loads in automotive, industrial, and general applications. They are specifically marketed for applications where the load is connected to ground and the power supply is switched on/off.
    ️· Key Features: These devices offer overcurrent protection, thermal shutdown, and typically have a digital input for control.
    ️· Packages: A wide range of packages are offered, including PowerSO-10, PowerSO-24, PowerSSO-12, SO-16, SO-28, PQFN, and MultiPowerSO-30. This allows for flexibility in PCB layout and thermal management.
    ️· Voltage and Current: The parts cover a range of voltage ratings (4.5V to 5.5V) and current handling capabilities.
    ️· Series/Technology: Several series are represented, including "M0-5" and "M0-3" which likely indicate differences in internal architecture, protection features, or performance levels.

    Key Series/Groups

    ️· "VND5x" Series (M0-5 Technology): These appear to be more modern and higher-performance devices, offering features like lower on-resistance (Rds(on)), and potentially more advanced protection circuits. Many variants are offered with different current capabilities (e.g., 50A, 25A, 12A, 6A).
    ️· "VND8x" and "VND9x" Series (M0-3 Technology): These are older or more basic devices. They still provide essential functionality but may have higher Rds(on) or less sophisticated protection features.
    ️· "VND6x" Series (M0-3 Technology): These seem to be somewhat similar to the "VND8x" and "VND9x" devices, likely offering a balance of performance and cost.

    Key Parameters to Consider (when choosing a part):

    ️· Rds(on): The on-resistance of the MOSFET, which determines the power loss during switching. Lower Rds(on) is better.
    ️· Max Current: The maximum continuous current the device can handle.
    ️· Voltage Rating: The maximum voltage the device can withstand.
    ️· Package Type: Affects thermal performance and PCB layout.
    ️· Protection Features: Overcurrent protection, thermal shutdown, and other features are important for reliability.
    ️· Digital Input: The ability to control the switch with a digital signal (e.g., from a microcontroller).



    In Summary:

    This datasheet provides a comprehensive overview of high-side power switches for various applications. Choosing the correct device requires careful consideration of the application requirements, including voltage, current, power dissipation, and desired protection features.

    Part No.L4969UR-E
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages22 pages
    Descriptionfor car body applications
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com