Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 9Page - STMicroelectronics L4969UR-E Datasheet HTML 10Page - STMicroelectronics L4969UR-E Datasheet HTML 11Page - STMicroelectronics L4969UR-E Datasheet HTML 12Page - STMicroelectronics L4969UR-E Datasheet HTML 13Page - STMicroelectronics L4969UR-E Datasheet HTML 14Page - STMicroelectronics L4969UR-E Datasheet HTML 15Page - STMicroelectronics L4969UR-E Datasheet HTML 16Page - STMicroelectronics L4969UR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
12
Door modules
Part number
Package
Driver stages
Max
on-state
resistance
R
DS(on) (mΩ)
Current
limitation
I
lim (A)
Operating
range Vs
(V)
PWM
control
Short-
circuit
protection
Current
sense
Thermal
shutdown
Reverse
battery
protection
Diagnostics
and
programming
EC control LED
mode
H-bridge
control
Description
L9949
PowerSO‑20
1 full bridge
150
6
7 to 28
SPI
Mid‑end front‑door
module
3 half bridges
800
1.6
1 high‑side switch
100
6
L9950
L9950XP
PowerSO‑36
PowerSSO‑36
2 half bridges
300
3
7 to 28
SPI
High‑end front‑door
module
2 half bridges
800
1.5
1 full bridge
150
6
4 high‑side
switches
800
1.5
1 high‑side switch
100
6
L9951
L9951XP
PowerSO‑36
PowerSSO‑36
1 half bridge
150
7.4
7 to 28
SPI
Rear‑door module
2 half bridges
200
5
2 high‑side
switches
800
1.25
L9953
L9953XP
PowerSO‑36
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
Mid‑end front‑door
module
1 full bridge
150
6
2 high‑side
switches
500
1.5
1 high‑side switch
100
6
L9953LXP
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
2x
Mid‑end front‑door
module compatible
with bulbs/LEDs
1 full bridge
150
6
2 high‑side
switches
500/1800
1.5/0.35
1 high‑side switch
100
6
L9954
L9954XP
PowerSO‑36
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
Mid‑end front‑door
module without
door lock
2 high‑side
switches
500
1.5
1 high‑side switch
100
6
L9954LXP
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
2x
Mid‑end front‑
door module
without door lock
compatible with
bulbs/LEDs
2 high‑side
switches
500/1800
1.5/0.35
1 high‑side switch
100
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com