| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M95320-A125 Datasheet
# Example questions:
➢ What are the two spi modes the device can operate in?
➢ What happens to the device's power consumption when chip select (s) is high and no write cycle is in progress?
➢ What is the purpose of the hold (hold) signal, and how does it affect communication with the device?
Okay, here's a summary of the provided text, focusing on the key information about the M95320-A125/A145 EEPROM:
M95320-A125/A145 EEPROM - Key Features
️· Type: 32-Kbit Serial EEPROM, designed for automotive applications (AEC-Q100 Grade 0 qualified - high reliability).
️· Operating Temperature: Up to 145°C.
️· Interface: SPI compatible serial interface (up to 20 MHz).
️· Memory Organization: 4096 x 8 bits (32KB), organized into 128 pages of 32 bytes each.
️· Error Correction: Includes embedded Error Correction Code (ECC) for improved data integrity.
️· Identification Page: Contains 32 bytes for device identification, and can be locked for storing sensitive application parameters.
️· SPI Modes: Supports both SPI Mode 0 (CPOL=0, CPHA=0) and SPI Mode 3 (CPOL=1, CPHA=1).
️· Power Modes: Active and Standby modes for power saving.
️· Write Protection: Status Register write protection via the 'W' pin.
Key Signals:
️· C: Serial Clock
️· D: Serial Data Input
️· Q: Serial Data Output
️· S: Chip Select
️· W: Write Protect
️· HOLD: Hold (pauses communication without deselection)
️· VCC: Supply Voltage
️· VSS: Ground
Important Notes:
️· Designed for automotive applications requiring high reliability.
️· Includes error correction for data integrity.
️· Offers a dedicated identification page.
I've tried to condense the main points from the document. Let me know if you'd like me to elaborate on any specific aspect or focus on a particular feature.
M95320-A125/A145 EEPROM - Key Features
️· Type: 32-Kbit Serial EEPROM, designed for automotive applications (AEC-Q100 Grade 0 qualified - high reliability).
️· Operating Temperature: Up to 145°C.
️· Interface: SPI compatible serial interface (up to 20 MHz).
️· Memory Organization: 4096 x 8 bits (32KB), organized into 128 pages of 32 bytes each.
️· Error Correction: Includes embedded Error Correction Code (ECC) for improved data integrity.
️· Identification Page: Contains 32 bytes for device identification, and can be locked for storing sensitive application parameters.
️· SPI Modes: Supports both SPI Mode 0 (CPOL=0, CPHA=0) and SPI Mode 3 (CPOL=1, CPHA=1).
️· Power Modes: Active and Standby modes for power saving.
️· Write Protection: Status Register write protection via the 'W' pin.
Key Signals:
️· C: Serial Clock
️· D: Serial Data Input
️· Q: Serial Data Output
️· S: Chip Select
️· W: Write Protect
️· HOLD: Hold (pauses communication without deselection)
️· VCC: Supply Voltage
️· VSS: Ground
Important Notes:
️· Designed for automotive applications requiring high reliability.
️· Includes error correction for data integrity.
️· Offers a dedicated identification page.
| Part No. | M95320-A125 |
| Manufacturer | STMICROELECTRONICS |
| Size | 792 Kbytes |
| Pages | 43 pages |
| Description | Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |