Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95320-A125 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza M95320-A125
Descripción Electrónicos  Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-A125 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95320-A125 Datasheet HTML 2Page - STMicroelectronics M95320-A125 Datasheet HTML 3Page - STMicroelectronics M95320-A125 Datasheet HTML 4Page - STMicroelectronics M95320-A125 Datasheet HTML 5Page - STMicroelectronics M95320-A125 Datasheet HTML 6Page - STMicroelectronics M95320-A125 Datasheet HTML 7Page - STMicroelectronics M95320-A125 Datasheet HTML 8Page - STMicroelectronics M95320-A125 Datasheet HTML 9Page - STMicroelectronics M95320-A125 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Description
M95320-A125 M95320-A145
6/43
DocID022938 Rev 8
1
Description
The M95320-A125 and M95320-A145 are 32-Kbit serial EEPROM Automotive grade
devices operating up to 145°C. They are compliant with the very high level of reliability
defined by the Automotive standard AEC-Q100 grade 0.
The devices are accessed by a simple serial SPI compatible interface running up to
20 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable
PROgrammable Memory). The M95320-A125 and M95320-A145 are byte-alterable
memories (4096 × 8 bits) organized as 128 pages of 32 byte in which the data integrity is
significantly improved with an embedded Error Correction Code logic.
The M95320-A125 and M95320-A145 offer an additional Identification Page (32 byte) in
which the ST device identification can be read. This page can also be used to store
sensitive application parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com