Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS58C1001SF-20/XT Datasheet (PDF) - Austin Semiconductor

AS58C1001SF-20/XT Datasheet PDF - Austin Semiconductor
No. de pieza AS58C1001SF-20/XT
Descarga  AS58C1001SF-20/XT Descarga
Tamaño del archivo   259.19 Kbytes
Page   19 Pages
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Descripción Electrónicos EEPROM

AS58C1001SF-20/XT Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AS58C1001SF-20/XT Datasheet PDF - Austin Semiconductor

No. de pieza AS58C1001SF-20/XT
Descarga  AS58C1001SF-20/XT Click to download

Tamaño del archivo   259.19 Kbytes
Page   19 Pages
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Descripción Electrónicos EEPROM

AS58C1001SF-20/XT Datasheet (HTML) - Austin Semiconductor


AS58C1001SF-20/XT Detalles de producto

GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS58C1001 is a 1 Megabit CMOS Electrically Erasable Programmable Read Only Memory (EEPROM) organized as 131, 072 x 8 bits. The AS58C1001 is capable or in system electrical Byte and Page reprogrammability.
The AS58C1001 achieves high speed access, low power consumption, and a high level of reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology and CMOS process and circuitry technology.

FEATURES
• High speed: 150, 200, and 250ns
• Data Retention: 10 Years
• Low power dissipation, active current (20mW/MHz (TYP)), standby current (100µW(MAX))
• Single +5V (+10%) power supply
• Data Polling and Ready/Busy Signals
• Erase/Write Endurance (10,000 cycles in a page mode)
• Software Data protection Algorithm
• Data Protection Circuitry during power on/off
• Hardware Data Protection with RES pin
• Automatic Programming: Automatic Page Write: 10ms (MAX) 128 Byte page size




Número de pieza similar - AS58C1001SF-20/XT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Austin Semiconductor
AS58C1001SF-20/XT AUSTIN-AS58C1001SF-20/XT Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001SF-20/XT AUSTIN-AS58C1001SF-20/XT Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
More results


Descripción similar - AS58C1001SF-20/XT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
logo
ON Semiconductor
NV24C02WF ONSEMI-NV24C02WF Datasheet
207Kb / 12P
EEPROM
May, 2018 ??Rev. 2
NV24C128WF ONSEMI-NV24C128WF Datasheet
193Kb / 13P
EEPROM
May, 2018 ??Rev. 0
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com