Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AOZ8831ADI-05 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8831ADI-05 Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ8831ADI-05
Descarga  AOZ8831ADI-05 Descarga
Tamaño del archivo   339.08 Kbytes
Page   7 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos Ultra Low Capacitance One-line Bidirectional TVS Diode

AOZ8831ADI-05 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ8831ADI-05 Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ8831ADI-05
Descarga  AOZ8831ADI-05 Click to download

Tamaño del archivo   339.08 Kbytes
Page   7 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos Ultra Low Capacitance One-line Bidirectional TVS Diode

AOZ8831ADI-05 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8831ADI-05 Detalles de producto

General Description
The AOZ8831A is an ultra low capacitance one-line bidirectional transient voltage suppressor diode designed to protect high speed data lines and voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one bidirectional TVS diode in an ultra-small DFN 1.0x0.6 footprint package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±15kV contact discharge).
The AOZ8831A comes in an RoHS compliant package and is rated over a -40°C to +85°C ambient temperature range.
The ultra-small 1.0 x 0.6 x 0.5mm DFN package makes it ideal for applications where PCB space is a premium. The small size and high ESD protection makes it ideal for protecting voltage sensitive electronics from high transient conditions and ESD.

Features
● ESD protection for high-speed data lines:
   – Exceeds: IEC 61000-4-2 (ESD), ±25kV (contact)
   – Human Body Model (HBM) ±25kV
● Small package saves board space
● Ultra low capacitance: 0.30pF
● Low clamping voltage
● Low operating voltage: 5.0V
● Pb-free device

Applications
● Portable handheld devices
● Keypads, data lines, buttons
● Notebook computers
● Digital Cameras
● Portable GPS
● MP3 players




Número de pieza similar - AOZ8831ADI-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ8831 AOSMD-AOZ8831 Datasheet
314Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-24 AOSMD-AOZ8831-24 Datasheet
310Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831DT-03 AOSMD-AOZ8831DT-03 Datasheet
311Kb / 7P
Ultra Low Capacitance One-line Bi-directional TVS Diode
More results


Descripción similar - AOZ8831ADI-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8851 AOSMD-AOZ8851 Datasheet
240Kb / 6P
Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8821-03 AOSMD-AOZ8821-03 Datasheet
334Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8832 AOSMD-AOZ8832 Datasheet
312Kb / 7P
Ultra Low Capacitance Two-line Bidirectional TVS Diode
AOZ8841 AOSMD-AOZ8841 Datasheet
343Kb / 7P
Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8851ADI AOSMD-AOZ8851ADI Datasheet
475Kb / 8P
Ultra Low Capacitance One-line Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
ULC0342P LEIDITECH-ULC0342P Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
BDFN2C051UF LEIDITECH-BDFN2C051UF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CDDFN2-T5.0LC LEIDITECH-CDDFN2-T5.0LC Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results




Sobre a Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com