Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FTA2029 Datasheet (PDF) - First Silicon Co., Ltd

FTA2029 Datasheet PDF - First Silicon Co., Ltd
No. de pieza FTA2029
Descarga  FTA2029 Descarga
Tamaño del archivo   437.9 Kbytes
Page   5 Pages
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Descripción Electrónicos PNP Silicon General Purpose Amplifier Transistor

FTA2029 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FTA2029 Datasheet PDF - First Silicon Co., Ltd

No. de pieza FTA2029
Descarga  FTA2029 Click to download

Tamaño del archivo   437.9 Kbytes
Page   5 Pages
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Descripción Electrónicos PNP Silicon General Purpose Amplifier Transistor

FTA2029 Datasheet (HTML) - First Silicon Co., Ltd


FTA2029 Detalles de producto

PNP Silicon General Purpose Amplifier Transistor

This PNP transistor is designed for general purpose amplifier applications. This device is housed in the SOT-723 package which is designed for low power surface mount applications, where board space is at a premium.

Features
• Reduces Board Space
• High hFE, 210−460 (Typical)
• Low VCE(sat) , < 0.5 V
• ESD Performance: Human Body Model; 2000 V,
                                 Machine Model; 200 V
• Available in 4 mm, 8000 Unit Tape & Reel
• This is a Pb−Free Device




Número de pieza similar - FTA2029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
Bearing Type Ball Bearings
logo
PREMO CORPORATION S.L
FTA-3Z PREMO-FTA-3Z Datasheet
98Kb / 1P
IEC Filter Small Size
FTA-6Z PREMO-FTA-6Z Datasheet
98Kb / 1P
IEC Filter Small Size
logo
LEMO Connectors
FTA.00.250.NTF LEMO-FTA.00.250.NTF Datasheet
65Kb / 3P
00 - NIM-CAMAC
logo
Delta Electronics, Inc.
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
Bearing Type Ball Bearings
More results


Descripción similar - FTA2029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE296 NTE-NTE296 Datasheet
21Kb / 2P
Silicon PNP Transistor General Purpose Amplifier
logo
ON Semiconductor
NS2029M3T5G ONSEMI-NS2029M3T5G Datasheet
69Kb / 4P
PNP Silicon General Purpose Amplifier Transistor
May, 2007 - Rev. 0
MSB1218A-RT1G ONSEMI-MSB1218A-RT1G Datasheet
123Kb / 4P
PNP Silicon General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
S2SA1774G ONSEMI-S2SA1774G Datasheet
97Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
September, 2012 ??Rev. 9
logo
Leshan Radio Company
L2SA2029QM3T5G LRC-L2SA2029QM3T5G_15 Datasheet
296Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
L2SA2029RM3T5G LRC-L2SA2029RM3T5G_15 Datasheet
163Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SA2029M3T5G ONSEMI-2SA2029M3T5G_14 Datasheet
100Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 4
2SA2029M3 ONSEMI-2SA2029M3_15 Datasheet
61Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
October, 2015 ??Rev. 5
NS2029M3 ONSEMI-NS2029M3 Datasheet
59Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
October, 2015 ??Rev. 5
logo
Leshan Radio Company
L2SA2029QM3T5G LRC-L2SA2029QM3T5G Datasheet
296Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com