Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FCH029N65S3 Datasheet (PDF) - ON Semiconductor

FCH029N65S3 Datasheet PDF - ON Semiconductor
No. de pieza FCH029N65S3
Descarga  FCH029N65S3 Descarga
Tamaño del archivo   283.11 Kbytes
Page   10 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m

FCH029N65S3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FCH029N65S3 Datasheet PDF - ON Semiconductor

No. de pieza FCH029N65S3
Descarga  FCH029N65S3 Click to download

Tamaño del archivo   283.11 Kbytes
Page   10 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m

FCH029N65S3 Datasheet (HTML) - ON Semiconductor


FCH029N65S3 Detalles de producto

Description
SUPERFET III MOSFET is ON Semiconductor’s brand−new high voltage super−junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on−resistance and lower gate charge performance. This advanced technology is tailored to minimize conduction loss, provides superior switching performance, and withstand extreme dv/dt rate. Consequently, SUPERFET III MOSFET Easy drive series helps manage EMI issues and allows for easier design implementation.

Features
• 700 V @ TJ = 150°C
• Typ. RDS(on)= 23.7 Ω
• Ultra Low Gate Charge (Typ. Qg = 201 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.)= 1615 pF)
• 100% Avalanche Tested
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Telecom / Server Power Supplies
• Industrial Power Supplies
• UPS / Solar




Número de pieza similar - FCH029N65S3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FCH023N65S3 ISC-FCH023N65S3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH023N65S3L4 ONSEMI-FCH023N65S3L4 Datasheet
448Kb / 9P
MOSFET – Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 23 mΩ
August, 2019 - Rev. 4
More results


Descripción similar - FCH029N65S3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FCMT180N65S3 ONSEMI-FCMT180N65S3 Datasheet
479Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 17 A, 180 m
February, 2020 ??Rev. 5
FCP125N65S3R0 ONSEMI-FCP125N65S3R0 Datasheet
392Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 24 A, 125 m
August, 2019 ??Rev. 5
FCP165N65S3R0 ONSEMI-FCP165N65S3R0 Datasheet
392Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
August, 2019 ??Rev. 7
FCPF165N65S3R0L ONSEMI-FCPF165N65S3R0L Datasheet
327Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
December, 2020 ??Rev. 7
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
NVHL025N65S3 ONSEMI-NVHL025N65S3 Datasheet
409Kb / 9P
MOSFET ??Power, N-Channel, Automotive SUPERFET III, Easy-drive 650 V, 75 A, 25 m
July, 2019 ??Rev. 2
FCB099N65S3 ONSEMI-FCB099N65S3 Datasheet
328Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 30 A, 99 m
February, 2020 ??Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCB070N65S3 ONSEMI-FCB070N65S3 Datasheet
316Kb / 10P
MOSFET - Power, N-Channel, SUPERFET III, Easy Drive 650 V, 44 A, 70 m
April, 2020 - Rev. 5
NVHL025N65S3 ONSEMI-NVHL025N65S3_V01 Datasheet
367Kb / 9P
MOSFET – Power, N-Channel, Automotive SUPERFET III, Easy-drive 650 V, 75 A, 25 m
February, 2022 - Rev. 3
More results




Sobre a ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com