| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 WAGO Kontakttechnik Gmb... |
858-514
|
363Kb / 8P |
Relay module; Nominal input voltage: 24 VAC; 4 changeover contacts;
|
|
858-508
|
392Kb / 8P |
Relay module; Nominal input voltage: 230 VAC; 4 changeover contacts;
|
|
858-507
|
368Kb / 8P |
Relay module; Nominal input voltage: 115 VAC; 4 changeover contacts;
|
|
858-392
|
351Kb / 7P |
Relay module; Nominal input voltage: 110 VDC; 4 changeover contacts;
|
|
858-390
|
361Kb / 8P |
Relay module; Nominal input voltage: 24 VDC; 4 changeover contacts;
|
|
858-354
|
372Kb / 8P |
Relay module; Nominal input voltage: 24 VDC; 4 changeover contacts;
|
|
858-304
|
244Kb / 9P |
Relay module; Nominal input voltage: 24 VDC; 4 changeover contacts;
|
|
858-305
|
226Kb / 8P |
Relay module; Nominal input voltage: 48 VDC; 4 changeover contacts;
|
|
788-109
|
199Kb / 6P |
Relay socket; 2 changeover contacts; with manual operation;
|
|
788-102
|
207Kb / 7P |
Relay socket; 2 changeover contacts; for 15 mm basic relays;
|