| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 WAGO Kontakttechnik Gmb... |
857-1494
|
627Kb / 10P |
Optocoupler module; 2-port; Nominal input voltage: 24 VDC; Output voltage
|
|
787-783
|
670Kb / 7P |
Redundancy Module; 2 x 9 ??54 VDC input voltage; 2 x 12.5 A input current
|
|
787-880
|
453Kb / 8P |
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage
|
|
787-881
|
549Kb / 9P |
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage
|
|
787-885
|
561Kb / 9P |
Redundancy Module; 2 x 24 VDC input voltage; 2 x 20 A input current
|
|
787-886
|
387Kb / 8P |
Redundancy Module; 2 x 48 VDC input voltage; 2 x 20 A input current
|
|
787-916
|
299Kb / 6P |
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage;
|
|
787-783-000-040
|
690Kb / 8P |
Redundancy Module; 2 x 9 ??54 VDC input voltage; 2 x 12.5 A input current;
|
|
787-785-000-040
|
535Kb / 7P |
Redundancy Module; 2 x 9 ??54 VDC input voltage; 2 x 40 A input current
|
|
787-785
|
519Kb / 7P |
Redundancy Module; 2 x 9 ??54 VDC input voltage
|