| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Schneider Electric |
ZBY2101
|
86Kb / 2P |
Harmony XB4, Legend holder 30 x 40 mm, plastic, with legend 8 x 27 mm, unmarked
Nov 15, 2021 |
|
ZBY6H101
|
114Kb / 2P |
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021 |
|
ZBY6H102
|
110Kb / 2P |
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021 |
|
ZBY4101
|
87Kb / 2P |
Harmony XB4, Legend holder 30 x 40 mm, plastic, with legend 8 x 27 mm, unmarked
Nov 22, 2021 |
|
ZBY5101
|
144Kb / 2P |
Harmony XB4, Unmarked legend 18 x 27 mm for legend holder 30 x 50 mm, 1 black side, 1 red side
Nov 22, 2021 |
|
ZBY5102
|
114Kb / 2P |
Harmony XB4, Unmarked legend 18 x 27 mm for legend holder 30 x 50 mm, 1 white side, 1 yellow side
Nov 22, 2021 |
|
ZBY6101
|
84Kb / 2P |
Harmony XB4, Legend holder 30 x 50 mm, plastic, with legend 18 x 27 mm, unmarked
Nov 22, 2021 |
|
ZBZ32
|
88Kb / 2P |
Harmony XB4, Legend holder 30 x 40 mm, plastic, without legend 8 x 27 mm
Nov 22, 2021 |
|
ZBZ33
|
84Kb / 2P |
Harmony XB4, Legend holder 30 x 50 mm, plastic, without legend 18 x 27 mm
Nov 22, 2021 |
|
ZBZ35
|
109Kb / 2P |
Harmony XB4, Legend holder 30 x 50 mm, plastic, without legend 18 x 27 mm, for flush mounting
Nov 22, 2021 |