| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Schneider Electric |
RE7ML11BU
|
360Kb / 19P |
time delay relay 6 functions - 0.05..1 s - 24 V AC DC - 1OC
Mar 4, 2021 |
|
RE17RCMU
|
144Kb / 8P |
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, off delay, 24 V DC / 24...240 V AC/DC
Aug 25, 2021 |
|
RE17RHMU
|
163Kb / 9P |
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, on delay, 24 V DC / 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1AMR
|
167Kb / 7P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s??00 h, power on delay , 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1CMR
|
181Kb / 7P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s??00 h, off delay , 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1MAMR
|
204Kb / 8P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s...300 h, on delay, 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1QCMU
|
137Kb / 6P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s...300 s, star delta , 24 V DC / 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R2CMR
|
160Kb / 6P |
Harmony, Modular timing relay, 8 A, 2 CO, 0.05 s...300 h, off delay, 24...240 V AC/DC
|
|
RE7RB13MW
|
210Kb / 7P |
adjustable off-delay timing relay - 0.05..1 s - 240 V AC DC - 2OC
Sep 14, 2021 |
|
RE7TL11BU
|
210Kb / 7P |
on-delay timing relay - 0.05..1 s - 24 V AC DC - 1OC
Sep 14, 2021 |