| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Murata Manufacturing Co... |
935152722410-F1S
|
1Mb / 11P |
Ultra-Broadband Silicon Capacitor UBSC 0201M 1nF BV30
Rev. 3.00 |
|
935152722456-F1S
|
1Mb / 11P |
Ultra-Broadband Silicon Capacitor UBSC 0201M 5.6nF BV30`
Rev. 3.00 |
|
935156722456-F1S
|
1Mb / 11P |
Ultra Large band Silicon Capacitor ULSC722.456 0201M 5.6nF BV30
Rev. 1.02 |
|
939113724547-F1N
|
932Kb / 10P |
Broadband Silicon Capacitor BBSC 0402 47nF BV30
|
|
939113733510-F1N
|
1Mb / 10P |
BroadBand Silicon Capacitor BBSC 0201 10nF BV30
Rev. 3.00 |
|
939113793522-F1N
|
776Kb / 10P |
Broadband Silicon Capacitor BBSC 0201 22nF BV30
Rev. 3.00 |
|
939114422522-F1S
|
1,007Kb / 11P |
BroadBand Silicon Capacitor BBSC 0201M 22nF BV11
Rev. 2.00 |
|
939114722410-F1S
|
1Mb / 11P |
Broadband Silicon Capacitor BBSC 0201M 1nF BV30
Rev. 3.00 |
|
939114722510-F1S
|
2Mb / 12P |
Broadband Silicon Capacitor BBSC 0201M 10nF BV30
Rev. 2.00 |
|
939118722456-F1S
|
1Mb / 11P |
Extreme Broadband Silicon Capacitor XBSC722.456 0201M 5.6nF BV30
Rev. 1.04 |