Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSR033US2000X Datasheet (PDF) - Littelfuse

PSR033US2000X Datasheet PDF - Littelfuse
No. de pieza PSR033US2000X
Descarga  PSR033US2000X Descarga
Tamaño del archivo   1134.9 Kbytes
Page   20 Pages
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Descripción Electrónicos PSR SERIES HIGH-SPEED SQUARE BODY

PSR033US2000X Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PSR033US2000X Datasheet PDF - Littelfuse

No. de pieza PSR033US2000X
Descarga  PSR033US2000X Click to download

Tamaño del archivo   1134.9 Kbytes
Page   20 Pages
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Descripción Electrónicos PSR SERIES HIGH-SPEED SQUARE BODY

PSR033US2000X Datasheet (HTML) - Littelfuse


PSR033US2000X Detalles de producto

Description
Littelfuse PSR series high-speed square body fuses are
specially designed for protection of power semiconductor
devices such as diodes, triacs, IGBTs, SCRs, MOSFETs,
and other solid-state devices that are typically designed
into power conversion and power conditioning equipment.
Variable frequency drives, inverters, UPS, rectifiers, and
soft-starters are examples of typical equipment designed
with sensitive power semiconductor devices that cannot
withstand any line surge or overcurrent conditions and
require high-speed protection.
The PSR series with bolted blades is designed and tested
to IEC 60269-4.
Littelfuse POWR-SPEED® PSR series products offer
optimized circuit protection at the extremely fast speed
required to protect modern day power conversion devices.
Available in bolted blade style termination (typical in North
American market) with visual blown fuse indication standard
on all fuses and optional micro-switch for external indication.

Features/Benefits
 Best in class dc performance  Extremely current limiting
 Superior cycling capability
 Visual and optional microswitch fuse blown indication
 Low watt-loss design
 Compliance with US and Canadian requirements
 Fast-acting Class aR performance

Applications
 Power conversion devices (UPS, inverter,
rectifiers, drives)  Dc systems (dc common bus, dc injection braking)
 Battery protection application (energy storage systems)
 Electric vehicle charging stations
 Heaters and power supplies

Specifications
Voltage Rating Ac: 450 V–1300 V
Dc: 450 V–1000 V
Amperage Rating 40 A–2250 A
Interrupting Rating Ac: 100 kA–200 kA
Dc: 150 kA
Time Constant 10 ms at IR
Microswitch Yes
Mounting Bolted blade style
Material Body: ceramic
Contacts: plated copper
Approvals UL 248-13 Recognized (File: E71611)
cURus (File: E71611)
Environmental RoHS Compliant, REACH
Operating Temperature -55 °C to +125 °C
Storage Temperature Up to +35 °C with relative humidity <65 %
Country of Origin Mexico




Número de pieza similar - PSR033US2000X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
PSR033US2000X LITTELFUSE-PSR033US2000X Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
More results


Descripción similar - PSR033US2000X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
170M6149 COOPER-170M6149 Datasheet
71Kb / 2P
Square body DIN 43 653 stud-mount high speed fuses.
logo
Littelfuse
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PSR030US0550Z LITTELFUSE-PSR030US0550Z Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
L70QS300.X LITTELFUSE-L70QS300.X Datasheet
995Kb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L70QS LITTELFUSE-L70QS Datasheet
1Mb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L75QS LITTELFUSE-L75QS Datasheet
886Kb / 13P
L75QS SERIES HIGH-SPEED ROUND BODY
Rev: 1-A-061819
PSR030DS0550Z LITTELFUSE-PSR030DS0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSX LITTELFUSE-PSX Datasheet
815Kb / 10P
PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
More results




Sobre a Littelfuse


Littelfuse es una empresa estadounidense que se especializa en el diseño y fabricación de productos de protección y control de circuitos.
La compañía fue fundada en 1927 y tiene su sede en Chicago, Illinois.
Littelfuse proporciona una amplia gama de productos que incluyen fusibles, dispositivos de protección y control, y productos poliméricos.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica automotriz, industrial y de consumo.
Littelfuse es conocido por su experiencia en tecnología de protección y control de circuitos y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones personalizadas que satisfagan sus requisitos y necesidades específicas.
Además de su negocio principal, Littelfuse también proporciona soluciones para los mercados de centros de energía y energía renovable.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com