Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC14049UB Datasheet (PDF) - ON Semiconductor

MC14049UB Datasheet PDF - ON Semiconductor
No. de pieza MC14049UB_V01
Descarga  MC14049UB Descarga
Tamaño del archivo   201.15 Kbytes
Page   7 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Hex Buffers

MC14049UB Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC14049UB Datasheet PDF - ON Semiconductor

No. de pieza MC14049UB_V01
Descarga  MC14049UB Click to download

Tamaño del archivo   201.15 Kbytes
Page   7 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Hex Buffers

MC14049UB Datasheet (HTML) - ON Semiconductor


MC14049UB Detalles de producto

The MC14049UB hex inverter/buffer is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. This complementary MOS device finds primary
use where low power dissipation and/or high noise immunity is
desired. This device provides logic−level conversion using only one
supply voltage, VDD. The input−signal high level (VIH) can exceed the
VDD supply voltage for logic−level conversions. Two TTL/DTL
Loads can be driven when the device is used as CMOS−to−TTL/DTL
converters (VDD = 5.0 V, VOL ≤ 0.4 V, IOL ≥ 3.2 mA). Note that pins
13 and 16 are not connected internally on this device; consequently
connections to these terminals will not affect circuit operation.

Features
• High Source and Sink Currents
• High−to−Low Level Converter
• Supply Voltage Range = 3.0 V to 18 V
• Meets JEDEC UB Specifications
• VIN can exceed VDD
• Improved ESD Protection on All Inputs
• These Devices are Pb−Free and are RoHS Compliant
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable




Número de pieza similar - MC14049UB_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14049UBCP ONSEMI-MC14049UBCP Datasheet
205Kb / 8P
Hex Buffers
March, 2000 ??Rev. 3
MC14049UBCP ONSEMI-MC14049UBCP Datasheet
113Kb / 8P
W Semiconductor Components Industries, LLC, 2004
December, 2004 ??Rev. 6
MC14049UBCPG ONSEMI-MC14049UBCPG Datasheet
113Kb / 8P
W Semiconductor Components Industries, LLC, 2004
December, 2004 ??Rev. 6
MC14049UBCPG ONSEMI-MC14049UBCPG Datasheet
155Kb / 8P
Hex Buffers
May, 2013 ??Rev. 8
MC14049UBD ONSEMI-MC14049UBD Datasheet
205Kb / 8P
Hex Buffers
March, 2000 ??Rev. 3
More results


Descripción similar - MC14049UB_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB Datasheet
205Kb / 8P
Hex Buffers
March, 2000 ??Rev. 3
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
Hex Buffers
logo
List of Unclassifed Man...
MC14009 ETC-MC14009 Datasheet
278Kb / 5P
HEX BUFFERS
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
HEX BUFFERS
logo
Estek Electronics Co. L...
IW4049B ESTEK-IW4049B Datasheet
134Kb / 5P
hex buffers
logo
ON Semiconductor
NLV14049UBDR2G ONSEMI-NLV14049UBDR2G Datasheet
155Kb / 8P
Hex Buffers
May, 2013 ??Rev. 8
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_17 Datasheet
106Kb / 7P
Hex Buffers
June, 2017 ??Rev. 10
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
Hex inverting buffers
More results




Sobre a ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com