Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BCLPRAG Datasheet (PDF) - ON Semiconductor

TL431BCLPRAG Datasheet PDF - ON Semiconductor
No. de pieza TL431BCLPRAG
Descarga  TL431BCLPRAG Descarga
Tamaño del archivo   471.08 Kbytes
Page   22 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Programmable Precision References

TL431BCLPRAG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TL431BCLPRAG Datasheet PDF - ON Semiconductor

No. de pieza TL431BCLPRAG
Descarga  TL431BCLPRAG Click to download

Tamaño del archivo   471.08 Kbytes
Page   22 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Programmable Precision References

TL431BCLPRAG Datasheet (HTML) - ON Semiconductor


TL431BCLPRAG Detalles de producto

The TL431A, B integrated circuits are three−terminal
programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is
programmable from Vref to 36 V with two external resistors. These
devices exhibit a wide operating current range of 1.0 mA to 100 mA
with a typical dynamic impedance of 0.22 . The characteristics of
these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op
amp circuitry. The 2.5 V reference makes it convenient to obtain
a stable reference from 5.0 V logic supplies, and since the TL431A,
B operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.

Features
• Programmable Output Voltage to 36 V
• Voltage Reference Tolerance: ±0.4%, Typ @ 25°C (TL431B)
• Low Dynamic Output Impedance, 0.22  Typical
• Sink Current Capability of 1.0 mA to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating
Temperature Range
• Low Output Noise Voltage
• NCV/SCV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q100 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Número de pieza similar - TL431BCLPRAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
TL431BCLPRAG ONSEMI-TL431BCLPRAG Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431BCLPRAG ONSEMI-TL431BCLPRAG Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
TL431BCLPRAG ONSEMI-TL431BCLPRAG Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
TL431BCLPRAG ONSEMI-TL431BCLPRAG Datasheet
181Kb / 18P
Programmable Precision References
March, 2016 ??Rev. 38
TL431BCLPRAG ONSEMI-TL431BCLPRAG Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
More results


Descripción similar - TL431BCLPRAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
More results




Sobre a ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com