Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1182KIT500 Datasheet (PDF) - Hammond Manufacturing Ltd.

1182KIT500 Datasheet PDF - Hammond Manufacturing Ltd.
No. de pieza 1182KIT500
Descarga  1182KIT500 Descarga
Tamaño del archivo   180.83 Kbytes
Page   5 Pages
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Descripción Electrónicos Toroid Power Transformers

1182KIT500 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1182KIT500 Datasheet PDF - Hammond Manufacturing Ltd.

No. de pieza 1182KIT500
Descarga  1182KIT500 Click to download

Tamaño del archivo   180.83 Kbytes
Page   5 Pages
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Descripción Electrónicos Toroid Power Transformers

1182KIT500 Datasheet (HTML) - Hammond Manufacturing Ltd.


1182KIT500 Detalles de producto

Features
Torodial transformer benefits:
low profile
lightweight
cool running / high efficiency
due to the core shape - low stray magnetic flux leakage (low EMI)
Dual 117/234 VAC primary, 50/60 Hz. operation.
Note: Units are designed to have all windings engaged (either series or
parallel connected) or connected as an autotransformer. Connection sheet
included with transformer. See Product Resources for Download.
Supplied with two rubber insulating pads, one metal centering washer and
all mounting hardware (except the 1,500 VA size).
1,500 VA size - is supplied with a potted center for extra strength.
Minimum 8" long flexible leads
Manufactured using Class B (130 degree C) materials.
Hi-Pot test of 4,000VAC RMS between primary & secondary
UL recognized to UL506 (XPTQ2.Guide) UL file #E207860
CSA certified to C22.2 #66 - CSA file #209651
CE compliant to IEC 61558-2-4
This series replaces our older 182 Toroid Series.
Note about Inrush Current:
Due to the superior magnetic properties of Toroidal transformers they will
be susceptible to high magnetizing current when initially energized, only
limited by the low DC resistance of the primary winding. Depending on
where you are in the AC cycle when the transformer is energized dictates
the chances of overloading the supply circuit. This is why the transformer
may sometimes energize without a problem and other times it will blow the
fuse or trip the circuit breaker. The duration of this overload is rarely longer
than a half of a cycle. Therefore, you should consider using a slow-blow
fuse, time delayed circuit breaker or other form of soft start circuitry for the
supply line when using these high efficient Toroidal transformers.




Número de pieza similar - 1182KIT500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JMK Inc.
1182 JMK-1182 Datasheet
157Kb / 1P
Operating Voltage= 115/250 Vac OperatingCurrentMax= 20, 30amp
logo
3M Electronics
1182 3M-1182 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Adafruit Industries
1182 ADAFRUIT-1182 Datasheet
265Kb / 3P
Linear Rail Shaft Guide/Support - 8mm Diameter - SK8
1/7/2016
logo
List of Unclassifed Man...
11820 ETC-11820 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11820 HEYCO-11820 Datasheet
123Kb / 1P
Nylon Male/Female Threaded Hex Supports
More results


Descripción similar - 1182KIT500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Delevan
LLST4R7 API-LLST4R7 Datasheet
42Kb / 1P
Surface Mount Power Toroid
logo
Bi technologies
HM41 BITECH-HM41 Datasheet
406Kb / 2P
Toroid Style Gate Drive Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
Power Transformers
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
Power Transformers
logo
Bi technologies
HM41 BITECH-HM41_15 Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
logo
XFMRS Inc.
S2610001 XFMRS-S2610001 Datasheet
80Kb / 1P
TOROID
logo
TT Electronics.
HM41 TTELEC-HM41 Datasheet
702Kb / 2P
Toroid Style Gate Drive Transformers
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
Toroid power inductors
CTX0.47-1P-R EATON-CTX0.47-1P-R Datasheet
682Kb / 9P
ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com