Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KTS1681 Datasheet (PDF) - Kinetic Technologies.

KTS1681 Datasheet PDF - Kinetic Technologies.
No. de pieza KTS1681
Descarga  KTS1681 Descarga
Tamaño del archivo   461.85 Kbytes
Page   12 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos 4 Amp Over-Voltage Protection IC with Sense Output

KTS1681 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KTS1681 Datasheet PDF - Kinetic Technologies.

No. de pieza KTS1681
Descarga  KTS1681 Click to download

Tamaño del archivo   461.85 Kbytes
Page   12 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos 4 Amp Over-Voltage Protection IC with Sense Output

KTS1681 Datasheet (HTML) - Kinetic Technologies.


KTS1681 Detalles de producto

Features

• Wide Input voltage range: 2.3V to 28V
• Up to 4A Continuous current capability
• Integrated 38mΩ (typ) N-Channel MOSFET
• Wide Over-Voltage threshold range
 Fixed internal: 5.95V
 Adjustable: 4V to 22V
• Fast OVP response time: 0.1μs (typ.)
• Microphone Mode for audio signal on IN
• Internal 15ms Startup Debounce
• Integrated Surge Protection up to 100V
• Low Quiescent Current: 70μA (typ.)
• Thermal Shutdown and Short Circuit Protection
• Compliance to IEC61000-4-2 (Level 4)
 Contact: ±8kV
 Air Gap: ±15kV
• ESD Protection
 Human Body Model: ±2kV
• Pb-free Package: 12-Bump WLCSP
• -40°C to +85°C Temperature Range

Applications

• Smartphones
• Tablet
• Mobile Internet Devices, Peripherals

Brief Description

The KTS1681 over-voltage protection (OVP) device
features an ultra-low 38mΩ (typical) on-resistance high
current integrated MOSFET which actively protects lowvoltage
systems from voltage supply faults up to +28VDC.
An internal clamp protects the device from surges up to
100V.
An input voltage exceeding the over-voltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO input set below the external OVLO select
voltage, the KTS1681 automatically chooses the internal
fixed OVLO threshold, preset to 5.95V (typical). The overvoltage
protection threshold can be adjusted with optional
resistor divider to a voltage between 4V and 22V.
The device features a microphone mode which disables
the OVP switch and allows the microphone signal present
on the input to be output at VDET pin without an additional
multiplexer circuit. The KTS1681 is protected against overcurrent
faults by an internal over-temperature protection
shutdown feature.
The KTS1681 is available in a RoHS and Green compliant
12-Bump 1.288mm x 1.988mm x 0.64mm WLCSP.




Número de pieza similar - KTS1681

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kinetic Technologies.
KTS1681A KINETIC-KTS1681A Datasheet
479Kb / 13P
4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
KTS1681AEUZ-TR KINETIC-KTS1681AEUZ-TR Datasheet
479Kb / 13P
4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
More results


Descripción similar - KTS1681

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
MOSFET Driver IC with Over-Voltage Protection
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
Over Voltage Protection IC
logo
FSP TECHNOLOGY INC.
FSP100-50LG FSP-FSP100-50LG_15 Datasheet
145Kb / 1P
Output over voltage protection
logo
SynQor Worldwide Headqu...
BQ57120EZB38 SYNQOR-BQ57120EZB38 Datasheet
2Mb / 13P
Output over-voltage protection
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
Battery Output Current Sense Protection IC
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
Output Over-Voltage Protection Over Temperature Protection
logo
Kinetic Technologies.
KTS1668 KINETIC-KTS1668 Datasheet
494Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
July 2021 - Revision 03a
KTS1681A KINETIC-KTS1681A Datasheet
479Kb / 13P
4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
KTS1682 KINETIC-KTS1682 Datasheet
436Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04c Page
logo
Silicon Mitus, Inc.
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com