Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KTS1685 Datasheet (PDF) - Kinetic Technologies.

KTS1685 Datasheet PDF - Kinetic Technologies.
No. de pieza KTS1685
Descarga  KTS1685 Descarga
Tamaño del archivo   581.81 Kbytes
Page   10 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos Surge Protected Load Switch with Over-Voltage Protection

KTS1685 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KTS1685 Datasheet PDF - Kinetic Technologies.

No. de pieza KTS1685
Descarga  KTS1685 Click to download

Tamaño del archivo   581.81 Kbytes
Page   10 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos Surge Protected Load Switch with Over-Voltage Protection

KTS1685 Datasheet (HTML) - Kinetic Technologies.


KTS1685 Detalles de producto

Features

• Surge and ESD protected Input
 Surge Protection
■ IEC 61000-4-5: >100V
 ESD Protection
■ IEC 61000-4-2 (Level 4)
• Contact: ±8kV
• Air Gap: ±15kV
• Human Body Model ±2kV
• Wide Input voltage range
 2.7V to 30V
• Low Quiescent Current 60μA typ.
• N channel MOSFET load switch with low
forward voltage drop
 140mV @ 1A
• Fast turn-off response time 100ns
• Flexible trip-point options
 Fixed 6.8V
 Adj. 4V to 20V
• Auto-enabled switch with typ. 15ms debounce
time
• Additional Under voltage (UVLO), Short-circuit
and thermal shutdown protection
• Open-drain power good output
• Pb-free WLCSP-9 package
• -40°C to +85°C Temperature Range

Applications

• Smartphones
• Mobile Internet Devices
• Tablet Computers
• Peripherals

Brief Description

The KTS1685 over-voltage protection device features an
ultra-low 140mΩ (typical) on-resistance high current
integrated MOSFET which actively protects low-voltage
systems from voltage supply faults up to +30VDC. An
internal clamp protects the device from surges up to 100V.
An input voltage exceeding the over-voltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO input set below the external OVLO select
voltage, the KTS1685 automatically chooses the internal
fixed OVLO threshold, preset to 6.8V (typical). The overvoltage
protection threshold can be adjusted with optional
resistor divider to a voltage between 4V and 22V.
The device features an open-drain output ̅A̅̅C̅̅O̅̅̅K̅ indicating
a stable supply between the minimum supply voltage and
OVLO threshold. In case of fault condition and the device
temperature exceeds the maximum junction temperature,
the device switches off.
The KTS1685 is available in a RoHS and Green compliant
9-Bump 1.33 x 1.33mm WLCSP.




Número de pieza similar - KTS1685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680AEUZ-TR KINETIC-KTS1680AEUZ-TR Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1680CEUZ-TR KINETIC-KTS1680CEUZ-TR Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results


Descripción similar - KTS1685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com