Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KTU1001 Datasheet (PDF) - Kinetic Technologies.

KTU1001 Datasheet PDF - Kinetic Technologies.
No. de pieza KTU1001
Descarga  KTU1001 Descarga
Tamaño del archivo   754.88 Kbytes
Page   12 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos USB D/D- Hi-Speed or SBU1/2 Switch with Fault Protection

KTU1001 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KTU1001 Datasheet PDF - Kinetic Technologies.

No. de pieza KTU1001
Descarga  KTU1001 Click to download

Tamaño del archivo   754.88 Kbytes
Page   12 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos USB D/D- Hi-Speed or SBU1/2 Switch with Fault Protection

KTU1001 Datasheet (HTML) - Kinetic Technologies.


KTU1001 Detalles de producto

Features

• Operating Range: 2.7V to 5.5V
• For USB D+/D- Hi-Speed or SBU1/2 signals
• USB Hi-Speed Dual SPDT Switch/MUX
 Reverse blocking back-to-back MOSFETs
 >1GHz -3db Bandwidth
 Low 6Ω Switch On-Resistance
 Typical 4.0pF Switch On-Capacitance
• Overvoltage Protection
 Up to +20VDC
 Surge Protection Up to +25V
• ̅F̅L̅̅A̅̅G̅̅ open drain output overvoltage indicator
• ̅E̅̅N̅ to disable switch output
• WLCSP34-12 package (1.17mm x 1.57mm)
• -40°C to +85°C Temperature Range

Applications

• Smartphones
• USB Type-C
• Mobile Internet Devices
• Tablet Computers
• Peripherals

Brief Description

The KTU1001 is a Hi-Speed (up to 480Mbps) USB dual
SPDT (single-pole/double-throw) switch with overvoltage
protection. This device operates over a 2.7V to 5.5V input
supply range with over voltage fault protection up to 20V.
USB Type-C features high voltage charging where the
KTU1001 protects USB data lines from short circuit and
surge events that can permanently damage the mobile
system. The device features independent control bits for
each switch pair and an on/off enable (̅E̅̅N̅) for shutdown
mode. Additional features include low switch on resistance
and capacitance along with a fault flag (̅F̅L̅̅A̅̅G̅̅) to alert the
system processor to overvoltage fault events.
Similar in features and performance to KTU1000, the
KTU1001 adds reverse blocking MOSFET switch
functionality.
The KTU1001 has low power consumption and is available
in an ultra-small 12-Bump 1.17mm x 1.57mm WLCSP
package making it an ideal solution for USB interface
switching and protection in mobile applications.




Número de pieza similar - KTU1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kinetic Technologies.
KTU1001A KINETIC-KTU1001A Datasheet
778Kb / 12P
USB D/D- Hi-Speed or SBU1/2 Switch with Fault Protection
August 2020 - Revision 04f
KTU1001AEVA-TR KINETIC-KTU1001AEVA-TR Datasheet
778Kb / 12P
USB D/D- Hi-Speed or SBU1/2 Switch with Fault Protection
August 2020 - Revision 04f
More results


Descripción similar - KTU1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
logo
Will Semiconductor Ltd.
WS3219Q WILLSEMI-WS3219Q Datasheet
1Mb / 15P
USB Type-C Port Protection Switch For CC and High Speed Digital (SBU or D/D-) Port
logo
Maxim Integrated Produc...
MAX4989 MAXIM-MAX4989 Datasheet
105Kb / 8P
USB 2.0 Hi-Speed 2-of-4 Crosspoint Switch
19-4206; Rev 0; 8/08
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
KTU1001A KINETIC-KTU1001A Datasheet
778Kb / 12P
USB D/D- Hi-Speed or SBU1/2 Switch with Fault Protection
August 2020 - Revision 04f
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com