Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KTS1601 Datasheet (PDF) - Kinetic Technologies.

KTS1601 Datasheet PDF - Kinetic Technologies.
No. de pieza KTS1601
Descarga  KTS1601 Descarga
Tamaño del archivo   465.35 Kbytes
Page   11 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos 2.0A Slew Rate Controlled Load Switch with Reverse Blocking

KTS1601 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KTS1601 Datasheet PDF - Kinetic Technologies.

No. de pieza KTS1601
Descarga  KTS1601 Click to download

Tamaño del archivo   465.35 Kbytes
Page   11 Pages
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Descripción Electrónicos 2.0A Slew Rate Controlled Load Switch with Reverse Blocking

KTS1601 Datasheet (HTML) - Kinetic Technologies.


KTS1601 Detalles de producto

Features

• Operating Range: 1.5V~5.5V
• Low RDS(ON) MOSFET: Typ. 24mΩ @ 3.3V
• Continuous DC current up to 2.0A
• Built-in slew rate controlled turn-on: 2.7ms
• Low quiescent current < 1μA
• ESD Protection
 Human Body Model : 8kV
 Charged Device Model : >2.0kV
 Compliance to IEC61000-4-2 level 4
■ Contact Discharge : 8kV
■ Air Discharge : 15kV
• Pb-Free Packages:
 WLCSP-4, 1.0 x 1.0mm
 RoHS and Green Compliant
• -40°C to +85°C Temperature Range

Applications

• Mobile Phones & Tablets
• SSD (Solid State Drive)
• Portable Instruments
• DSC, DVR, GPS

Brief Description

The KTS1601 is slew rate controlled load switch
designed for 1.5 V to 5.5 V operation. It features a
controlled soft-on slew rate of typical 2.7ms that
limits the inrush current for designs with heavy
capacitive loads and thereby minimizing any
resulting voltage droop at the power rails.
The very low RDS(ON) allows currents up to 2.0A,
whilst minimizing the power dissipation and voltage
drop from supply to load. The KTS1601 features an
active high enable pin, which is capable of interfacing
directly with low input control signals, without any
additional level shifting circuitry. The KTS1601 also
includes an active pull-down option to ensure the
device remains off, should the enable be allowed to
float.
The KTS1601 provides reverse blocking in the OFF
state to ensure that power supplies are not
discharged.
The KTS1601 is available in an optimized, lead-free,
fully green compliant, small 4-pin WLCSP 1.0 x
1.0mm package with 0.5mm pitch




Número de pieza similar - KTS1601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601EUM-1-TR KINETIC-KTS1601EUM-1-TR Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
More results


Descripción similar - KTS1601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
Load Switch with Controlled Slew Rate
logo
Fairchild Semiconductor
FPF1048 FAIRCHILD-FPF1048 Datasheet
1Mb / 3P
IntelliMAX??3A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
FPF1048 FAIRCHILD-FPF1048_13 Datasheet
405Kb / 3P
IntelliMAX??3 A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com