Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IM523-M6A Datasheet (PDF) - Infineon Technologies AG

IM523-M6A Datasheet PDF - Infineon Technologies AG
No. de pieza IM523-M6A
Descarga  IM523-M6A Descarga
Tamaño del archivo   1021.98 Kbytes
Page   22 Pages
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Descripción Electrónicos CIPOS™ Mini IM523

IM523-M6A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
IM523-M6A Datasheet PDF - Infineon Technologies AG

No. de pieza IM523-M6A
Descarga  IM523-M6A Click to download

Tamaño del archivo   1021.98 Kbytes
Page   22 Pages
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Descripción Electrónicos CIPOS™ Mini IM523

IM523-M6A Datasheet (HTML) - Infineon Technologies AG


IM523-M6A Detalles de producto

Description
The CIPOS™ IM523 product family offers the chance for integrating various power and control components to
increase reliability and optimize PCB size and system cost. It is designed to control three-phase motors in
variable speed drives. The package concept is specially adapted to power applications, which need good
thermal conduction and electrical isolation, but also less EMI and overload protection. To deliver excellent
electrical performance, Infineon’s leading-edge RC-Drives IGBTs are combined with an optimized SOI gate
driver.

Features
Package
 Fully isolated dual in-line molded module
 Lead-free terminal plating; RoHS compliant
Inverter
 Reverse Conducting Drives IGBTs
 Rugged SOI gate driver technology with stability
against transient and negative voltage
 Allowable negative VS potential up to -11 V
for signal transmission at VBS = 15 V
 Integrated bootstrap functionality
 Overcurrent shutdown
 Built-in NTC thermistor for temperature monitor
 Undervoltage lockout at all channels
 Low-side emitter pins accessible for phase current
monitoring (open emitter)
 Sleep function
 Cross-conduction prevention
 All of 6 switches turn off during protection
Features
Package
 Fully isolated dual in-line molded module
 Lead-free terminal plating; RoHS compliant
Inverter
 Reverse Conducting Drives IGBTs
 Rugged SOI gate driver technology with stability
against transient and negative voltage
 Allowable negative VS potential up to -11 V
for signal transmission at VBS = 15 V
 Integrated bootstrap functionality
 Overcurrent shutdown
 Built-in NTC thermistor for temperature monitor
 Undervoltage lockout at all channels
 Low-side emitter pins accessible for phase current
monitoring (open emitter)
 Sleep function
 Cross-conduction prevention
 All of 6 switches turn off during protection




Número de pieza similar - IM523-M6A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IM523-X6A INFINEON-IM523-X6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
More results


Descripción similar - IM523-M6A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IM535-U6D INFINEON-IM535-U6D Datasheet
1Mb / 23P
CIPOS??Mini IM535
2021-04-09 revision:2.1
IM828-XCC INFINEON-IM828-XCC Datasheet
1Mb / 23P
CIPOS??Maxi IM828
2020-09-03 revision:2.0
IM241 INFINEON-IM241 Datasheet
848Kb / 26P
CIPOS™ Micro IPM 600 V, 2 A
Revision 1.6 2022-06-26
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IM241-L6T2Y INFINEON-IM241-L6T2Y Datasheet
911Kb / 26P
CIPOS™ Micro IPM 600 V, 6 A
Revision 1.6 2022-06-26
IM241-M6T2Y INFINEON-IM241-M6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 4 A
Revision 1.6 2022-06-26
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM523-X6A INFINEON-IM523-X6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM564-X6D INFINEON-IM564-X6D Datasheet
1Mb / 26P
CIPOS™ Mini IM564
Verison 2.3 2021-12-21
More results




Sobre a Infineon Technologies AG


Infineon Technologies es un fabricante líder de semiconductores globales que se especializa en proporcionar soluciones de gestión de energía, seguridad y control para una variedad de industrias como sistemas automotrices, industriales y de comunicación.
La compañía fue fundada en 1999 y tiene su sede en Neubiberg, Alemania.
Infineon ofrece una amplia gama de productos que incluyen microcontroladores, semiconductores de energía, sensores y otros circuitos integrados.
La compañía tiene una fuerte presencia en el mercado global, con operaciones e instalaciones en varios países de todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com