Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S-82L1A Datasheet (PDF) - ABLIC Inc.

S-82L1A Datasheet PDF - ABLIC Inc.
No. de pieza S-82L1A
Descarga  S-82L1A Descarga
Tamaño del archivo   686.23 Kbytes
Page   38 Pages
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Descripción Electrónicos BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK

S-82L1A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
S-82L1A Datasheet PDF - ABLIC Inc.

No. de pieza S-82L1A
Descarga  S-82L1A Click to download

Tamaño del archivo   686.23 Kbytes
Page   38 Pages
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Descripción Electrónicos BATTERY PROTECTION IC WITH ALARM FUNTION FOR 1-CELL PACK

S-82L1A Datasheet (HTML) - ABLIC Inc.


S-82L1A Detalles de producto

Features
• High-accuracy voltage detection circuit
Overcharge detection voltage 4.200 V to 4.600 V (5 mV step) Accuracy ±12 mV
Overcharge release voltage 4.000 V to 4.600 V*1 Accuracy ±50 mV
Overdischarge detection voltage 2.000 V to 3.000 V (10 mV step) Accuracy ±50 mV
Overdischarge release voltage 2.000 V to 3.400 V*2 Accuracy ±100 mV
Alarm status detection voltage 4.200 V to 4.600 V (5 mV step) Accuracy ±12 mV
Discharge overcurrent detection voltage 0.003 V to 0.100 V (1 mV step) Accuracy ±3 mV
Load short-circuiting detection voltage 0.010 V to 0.100 V (5 mV step) Accuracy ±7 mV
Charge overcurrent detection voltage −0.100 V to −0.003 V (1 mV step) Accuracy ±3 mV
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
• Discharge overcurrent control function
Release condition of discharge overcurrent status: Load disconnection
Release voltage of discharge overcurrent status: VRIOV = VDD × 0.8 (typ.)
• 0 V battery charge: Enabled, inhibited
• Power-down function: Available, unavailable
• Alarm function
AO pin output logic: Active "L"
AO pin output form: CMOS output, Nch open-drain output
Connection when AO pin = "L": VSS pin, VM pin
• High-withstand voltage: VM pin, CO pin and AO pin: Absolute maximum rating 28 V
• Wide operation temperature range: Ta = −40°C to +85°C
• Low current consumption
During operation: 800 nA typ., 1500 nA max. (Ta = +25°C)
During power-down: 50 nA max. (Ta = +25°C)
During overdischarge: 500 nA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free

Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack




Número de pieza similar - S-82L1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
S-8200 COOPER-S-8200 Datasheet
129Kb / 2P
1/4 x 11/4 Fuse Blocks
S-8200 COOPER-S-8200 Datasheet
69Kb / 2P
1/4x1-1/4 Fuseblocks
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
S-8000 Series
S-8200 COOPER-S-8200 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
ABLIC Inc.
S-8200A ABLIC-S-8200A Datasheet
580Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results


Descripción similar - S-82L1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
logo
ABLIC Inc.
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com