Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AOZ32034AQV Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ32034AQV Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ32034AQV
Descarga  AOZ32034AQV Descarga
Tamaño del archivo   1092.61 Kbytes
Page   12 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos Coil Driver for Wireless Charger Transmitter with Slew-Rate Control

AOZ32034AQV Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ32034AQV Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ32034AQV
Descarga  AOZ32034AQV Click to download

Tamaño del archivo   1092.61 Kbytes
Page   12 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos Coil Driver for Wireless Charger Transmitter with Slew-Rate Control

AOZ32034AQV Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ32034AQV Detalles de producto

General Description
The AOZ32034AQV is an integrated half-bridge solution
with intelligent slew-rate control for wireless charger
application. The device includes the high-side, low-side
N-channel MOSFETs and its driver circuit. Typically, it's
dedicated for the design of wireless charger transmitter
circuit which is composed of full-bridge topology with
resonant tank circuit to get best efficiency of power
converter.
The AOZ32034AQV provides adjustable gate drive sink
and source current control, by doing this control
methodology, it's able to optimize EMI and driver losses
to improve overall efficiency performance. Moreover, the
features of AOZ32034AQV have multiple protection
functions such as VCC UVLO, over temperature
protection to make the design more robust.
The AOZ32034AQV is available in a 4mm×4mm QFN-23L
package and is rated over a -40°C to +125°C ambient
temperature range.

Features
 Maximum input voltage 28V
– Support 12V & 24V voltage rail system
 15W~50W Coil Driver
– For wireless charger transmitter circuit
 Slew-rate control to improve EMI performance
 Low RDS(ON) internal NFETs
–7.5mΩ for Both HS/LS
 Integrated Bootstrap Diode
 Support protections
–OTP, UVLO
 Thermally enhanced 23-pin 4×4 QFN

Applications
 Wireless charger TX




Número de pieza similar - AOZ32034AQV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ32033AQI AOSMD-AOZ32033AQI Datasheet
750Kb / 13P
Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.2 September 2022
More results


Descripción similar - AOZ32034AQV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Fairchild Semiconductor
FDG901D FAIRCHILD-FDG901D Datasheet
205Kb / 6P
Slew Rate Control Driver IC for P-Channel MOSFETs
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Fairchild Semiconductor
FPF2411 FAIRCHILD-FPF2411 Datasheet
1Mb / 13P
Switch with Slew Rate Control and RCB
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
Analog Devices
ADUM4177 AD-ADUM4177 Datasheet
1Mb / 32P
30 A Isolated SiC Gate Driver with Slew Rate Control and SPI
logo
Vishay Siliconix
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
logo
Toshiba Semiconductor
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Alpha & Omega Semicondu...
AOZ32033AQI AOSMD-AOZ32033AQI Datasheet
750Kb / 13P
Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.2 September 2022
More results




Sobre a Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com