Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AOZ2264VQI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ2264VQI Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ2264VQI
Descarga  AOZ2264VQI Descarga
Tamaño del archivo   2135.92 Kbytes
Page   19 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 28V/16A VID Control Synchronous EZBuckTM Regulator

AOZ2264VQI Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ2264VQI Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ2264VQI
Descarga  AOZ2264VQI Click to download

Tamaño del archivo   2135.92 Kbytes
Page   19 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 28V/16A VID Control Synchronous EZBuckTM Regulator

AOZ2264VQI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ2264VQI Detalles de producto

General Description
The AOZ2264VQI is a high-efficiency, easy-to-use DC/
DC synchronous buck regulators capable of operation
from a 4V to 28V input bus. The device is capable of
supplying 16A of continuous output current with an
output voltage adjustment from 0V to 1.8V by controlling
VID0 and VID1 signals.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range.
The devices feature multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection,
and thermal shutdown.
The AOZ2264VQI is available in a 4mm×4mm QFN-23L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Wide input voltage range:
– 4V to 28V
 Support Intel ITDC up to 16A
 Support Intel ICCMAX up to 32A
 2 bits programmable output voltage adjustable from 0V
to 1.8V
 Integrated high performance trench MOSFETs
capable of:
– High peak current
– Up to 47A with 10ms on pulse
– Up to 70A with 10μs on pulse
– High efficiency
– 11m high-side
– 4m low-side
 Constant On-Time with input feed-forward
 Ripple Reduction at light load
 Remote sense
 Ceramic capacitor stable
 Fixed soft start
 Power Good output
 Integrated bootstrap diode
 Cycle-by-cycle current limit
 Short-circuit protection
 Over-voltage protection
 Thermal shutdown
 Thermally enhanced 23-pin 4m×4m QFN

Applications
 Portable computers
 Compact desktop PCs
 Servers
 Networking equipment




Número de pieza similar - AOZ2264VQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ22645QI AOSMD-AOZ22645QI Datasheet
2Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.1 October 2022
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-11 AOSMD-AOZ2264QI-11 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-15 AOSMD-AOZ2264QI-15 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
More results


Descripción similar - AOZ2264VQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2263VQI-01 AOSMD-AOZ2263VQI-01 Datasheet
4Mb / 21P
28V/12A VID Control Synchronous EZBuckTM Regulator
Rev 2.0 December 2020
AOZ2263VQI-02 AOSMD-AOZ2263VQI-02 Datasheet
1Mb / 21P
28V/12A VID Control Synchronous EZBuckTM Regulator
Rev 2.0 December 2020
AOZ2369VQI AOSMD-AOZ2369VQI Datasheet
1Mb / 20P
28V/30A VID Control Synchronous EZBuckTM Regulator
Rev 1.0 December 2020
AOZ22645QI AOSMD-AOZ22645QI Datasheet
2Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.1 October 2022
AOZ23645QI AOSMD-AOZ23645QI Datasheet
3Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ23655QI AOSMD-AOZ23655QI Datasheet
3Mb / 21P
28V/18A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 January 2022
AOZ23695QI AOSMD-AOZ23695QI Datasheet
4Mb / 21P
28V/25A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 January 2022
More results




Sobre a Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com