Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AOZ2369QI-11 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ2369QI-11 Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ2369QI-11
Descarga  AOZ2369QI-11 Descarga
Tamaño del archivo   1517.77 Kbytes
Page   18 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 24V/30A Synchronous EZBuckTM Regulator

AOZ2369QI-11 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ2369QI-11 Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ2369QI-11
Descarga  AOZ2369QI-11 Click to download

Tamaño del archivo   1517.77 Kbytes
Page   18 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 24V/30A Synchronous EZBuckTM Regulator

AOZ2369QI-11 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ2369QI-11 Detalles de producto

General Description
The AOZ2369QI-11 is a high-efficiency, easy-to-use DC/
DC synchronous buck regulator that operates over a
wide 4.5V to 24V voltage range.The device is capable of
supplying 30A of continuous output current with an
output voltage adjustable down to 0.6V (±1.0%).
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. A low 80ns minimum ontime
enables very low output voltages at ultra-high
operating frequencies.
Integrated AC ripple injection enables all-ceramic low
ESR output filter capacitors and smaller PCB footprint
with no external components needed.
Selectable PFM mode optimizes light load efficiency
while forced PWM mode maintains constant frequency
for lower harmonic noise.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection,
and thermal shutdown.
The AOZ2369QI-11 is available in a 5mm×5mm QFN-28L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Wide input voltage range
– 4.5V to 24V
 30A continuous output current
 Output voltage adjustable down to 0.6V (±1.0%)
 Low RDS(ON) internal NFETs
– 3m high-side
– 0.9m low-side
 Constant On-Time with input feed-forward
 Programmable on-time up to 2.6μs and down to 80ns
 Programmable switching frequency range: 32kHz to
1MHz (for 12VIN to 1VOUT)
 Selectable PFM or forced PWM light load operation
 Ceramic capacitor stable
 Adjustable soft start
 Power Good output
 Integrated bootstrap diode
 Cycle-by-cycle current limit
 Short-circuit protection
 Thermal shutdown
 Thermally enhanced 5mm x 5mm QFN-28L package

Applications
 Compact PCs and gaming systems
 Set-top boxes and LCD TVs
 Server and storage systems
 Datacom and networking
 Embedded computing
 Point-of load DC/DC converters




Número de pieza similar - AOZ2369QI-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ23695QI AOSMD-AOZ23695QI Datasheet
4Mb / 21P
28V/25A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 January 2022
AOZ2369VQI AOSMD-AOZ2369VQI Datasheet
1Mb / 20P
28V/30A VID Control Synchronous EZBuckTM Regulator
Rev 1.0 December 2020
More results


Descripción similar - AOZ2369QI-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ1237QI-02 AOSMD-AOZ1237QI-02 Datasheet
846Kb / 15P
24V/8A Synchronous EZBuckTM Regulator
AOZ1268QI-02 AOSMD-AOZ1268QI-02 Datasheet
775Kb / 15P
24V/10A Synchronous EZBuckTM Regulator
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-20 AOSMD-AOZ2264QI-20 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ2264QI-15 AOSMD-AOZ2264QI-15 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-18 AOSMD-AOZ2264QI-18 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2368QI-11 AOSMD-AOZ2368QI-11 Datasheet
1Mb / 18P
24V/25A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2379QI AOSMD-AOZ2379QI Datasheet
2Mb / 17P
24V/30A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
More results




Sobre a Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com