Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

5P35021-152 Datasheet (PDF) - Renesas Technology Corp

5P35021-152 Datasheet PDF - Renesas Technology Corp
No. de pieza 5P35021-152
Descarga  5P35021-152 Descarga
Tamaño del archivo   945.52 Kbytes
Page   40 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos VersaClock® Programmable Clock Generator

5P35021-152 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
5P35021-152 Datasheet PDF - Renesas Technology Corp

No. de pieza 5P35021-152
Descarga  5P35021-152 Click to download

Tamaño del archivo   945.52 Kbytes
Page   40 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos VersaClock® Programmable Clock Generator

5P35021-152 Datasheet (HTML) - Renesas Technology Corp


5P35021-152 Detalles de producto

Description
The 5P35021-152 is the latest VersaClock programmable clock
generator and is designed for low-power, consumer, automotive,
and high-performance PCI Express applications. The 5P35021
device is a 3 PLLs architecture design; each PLL is individually
programmable and allows up to 3 unique frequency outputs.
The 5P35021-152 has built-in unique features such as Proactive
Power Saving (PPS), Performance-Power Balancing (PPB),
Overshoot Reduction Technology (ORT) and extreme low power
DCO. An internal OTP memory allows the user to store the
configuration in the device. After power up, the user can change
the device register settings through the I2
C interface when I2C
mode is selected. It also has programmable VCO and PLL source
selection to allow the user to do power-performance optimization
based on the application requirements.
The device provides one single-ended output and two pairs of
LP-HCSL differential outputs.

Features
▪ Configurable OE pin function as OE, PD#, PPS or DFC control
function
▪ Configurable PLL bandwidth; minimizes jitter peaking
▪ PPS: Proactive Power Saving features save power during the
end device power down mode
▪ PPB: Performance Power Balancing feature allows minimum
power consumption based on required performance
▪ DFC: Dynamic Frequency Control feature allows user to
dynamically switch between and up to 4 different frequencies
smoothly
▪ Spread spectrum clock to lower system EMI
▪ I
2
C interface
▪ Suspend Mode, featuring RTC clock only when system goes
into low-power operation modes
▪ AEC-Q100 qualified
▪ Temperature Grade 2 (-40°C to +105°C)




Número de pieza similar - 5P35021-152

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
5P35021-000NDG2 RENESAS-5P35021-000NDG2 Datasheet
989Kb / 46P
Configurable OE pin function as OE, PD#, PPS or DFC control
5P35021-000NDG2 RENESAS-5P35021-000NDG2 Datasheet
1,002Kb / 48P
VersaClock® Programmable Clock Generator
December 15, 2025
5P35021-000NDG2 RENESAS-5P35021-000NDG2 Datasheet
1,003Kb / 48P
VersaClock® Programmable Clock Generator
June 2, 2026
5P35021-000NDG28 RENESAS-5P35021-000NDG28 Datasheet
989Kb / 46P
Configurable OE pin function as OE, PD#, PPS or DFC control
5P35021-000NDG28 RENESAS-5P35021-000NDG28 Datasheet
1,002Kb / 48P
VersaClock® Programmable Clock Generator
December 15, 2025
More results


Descripción similar - 5P35021-152

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
5P35021 IDT-5P35021_1 Datasheet
453Kb / 34P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35023 RENESAS-5L35023 Datasheet
935Kb / 39P
VersaClock® 3S Programmable Clock Generator
November 30, 2022
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
More results




Sobre a Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com