Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8T73S208A-01 Datasheet (PDF) - Renesas Technology Corp

8T73S208A-01 Datasheet PDF - Renesas Technology Corp
No. de pieza 8T73S208A-01
Descarga  8T73S208A-01 Descarga
Tamaño del archivo   878.66 Kbytes
Page   25 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos 2.5V, 3.3V Differential LVPECL Clock Divider and Buffer

8T73S208A-01 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
8T73S208A-01 Datasheet PDF - Renesas Technology Corp

No. de pieza 8T73S208A-01
Descarga  8T73S208A-01 Click to download

Tamaño del archivo   878.66 Kbytes
Page   25 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos 2.5V, 3.3V Differential LVPECL Clock Divider and Buffer

8T73S208A-01 Datasheet (HTML) - Renesas Technology Corp


8T73S208A-01 Detalles de producto

General Description
The 8T73S208A-01 is a high-performance differential LVPECL clock
divider and fanout buffer. The device is designed for the frequency
division and signal fanout of high-frequency, low phase-noise clocks.
The 8T73S208A-01 is characterized to operate from a 2.5V and 3.3V
power supply. Guaranteed output-to-output and part-to-part skew
characteristics make the 8T73S208A-01 ideal for those clock
distribution applications demanding well-defined performance and
repeatability. The integrated input termination resistors make
interfacing to the reference source easy and reduce passive
component count. Each output can be individually enabled or
disabled in the high-impedance state controlled by a I2C register. On
power-up, all outputs are disabled.

Features
• One differential input reference clock
• Differential pair can accept the following differential input
levels: LVDS, LVPECL, CML
• Integrated input termination resistors
• Eight LVPECL outputs
• Selectable clock frequency division of ÷1, ÷2, ÷4 and ÷8
• Maximum input clock frequency: 1GHz
• LVCMOS interface levels for the control inputs
• Individual output enable/disabled by I2C interface
• Power-up state: all outputs disabled
• Output skew: 60ps (maximum)
• Output rise/fall times: 350ps (maximum)
• Low additive phase jitter, RMS: 182fs (typical)
• Full 2.5V and 3.3V supply voltages
• Lead-free (RoHS 6) 32-Lead VFQFN packaging
• -40°C to 85°C ambient operating temperature




Número de pieza similar - 8T73S208A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI IDT-8T73S208A-01NLGI Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI8 IDT-8T73S208A-01NLGI8 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results


Descripción similar - 8T73S208A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
January 27, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results




Sobre a Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com