Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDLL4621-1 Datasheet (PDF) - Microsemi Corporation

CDLL4621-1 Datasheet PDF - Microsemi Corporation
No. de pieza CDLL4621-1
Descarga  CDLL4621-1 Descarga
Tamaño del archivo   467.08 Kbytes
Page   6 Pages
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Descripción Electrónicos 500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes

CDLL4621-1 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CDLL4621-1 Datasheet PDF - Microsemi Corporation

No. de pieza CDLL4621-1
Descarga  CDLL4621-1 Click to download

Tamaño del archivo   467.08 Kbytes
Page   6 Pages
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Descripción Electrónicos 500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes

CDLL4621-1 Datasheet (HTML) - Microsemi Corporation


CDLL4621-1 Detalles de producto

DESCRIPTION
The 1N4099UR-1 through 1N4135UR-1 and 1N4614UR-1 through 1N4627UR-1 series are 500 mW, Zener voltage regulators in the surface mount, glass DO-213AA package. Voltages from 1.8 to 100V in 5%, 2%, and 1% tolerances are available. They are constructed with an internal metallurgical bond and are mil-qualified up to the JANS level for high reliability applications.

FEATURES
• Surface mount equivalent to JEDEC registered 1N4099 through 1N4135 and 1N4614 through 1N4627 series.
• Internal metallurgical bond.
• Max noise density 40 μV / √Hz for 6.8 V and up. Falls quickly to 1 μV / √Hz at lower voltages.
• JAN, JANTX, JANTXV and JANS qualifications are available per MIL-PRF-19500/435.
• This series is also available commercially with the CDLL prefix (CDLL4099-1 – CDLL4135-1 and CDLL4614-1 – CDLL4627-1). This CDLL prefix also replaces the MLL prefix on prior devices.
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Regulates voltage over broad ranges of current and temperature.
• Extensive selection from 1.8 to 100 volts.
• Voltage tolerances of 5% (standard), 2% and 1% are available.
• Hermetically sealed surface mount package.
• Non-sensitive to ESD per MIL-STD-750 method 1020.
• Minimal capacitance (see Figure 3).
• Inherently radiation hard as described in Microsemi MicroNote 050.




Número de pieza similar - CDLL4621-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
CDLL4621 CDI-DIODE-CDLL4621 Datasheet
109Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
CDLL4621 MICROSEMI-CDLL4621 Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4621C MICROSEMI-CDLL4621C Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4621D MICROSEMI-CDLL4621D Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Descripción similar - CDLL4621-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Microsemi Corporation
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results




Sobre a Microsemi Corporation


Microsemi Corporation era una empresa estadounidense especializada en el diseño y fabricación de soluciones de semiconductores y sistemas.
La compañía fue fundada en 1960 y tenía su sede en Aliso Viejo, California.
Microsemi proporcionó una amplia gama de productos que incluyen circuitos integrados analógicos y de señal mixta, matrices de compuertas programables de campo (FPGA), productos de gestión y control de energía, y otras soluciones de semiconductores.
Los productos de la compañía se utilizaron en diversas aplicaciones, como defensa y seguridad, aeroespacial y aviación, industrial y comunicaciones.
Microsemi era conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
En 2018, Microsemi fue adquirido por Microchip Technology, un proveedor líder de productos microcontroladores, señal mixtos, analógicos y de seguridad.
La marca Microsemi ya no está en uso, pero su tecnología y productos continúan siendo parte de la cartera de Microchip.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com