Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R8A7722 Datasheet (PDF) - Renesas Technology Corp

R8A7722 Datasheet PDF - Renesas Technology Corp
No. de pieza R8A7722
Descarga  R8A7722 Descarga
Tamaño del archivo   2262.29 Kbytes
Page   354 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos Renesas 32-Bit RISC Microcomputer SH7780 Series

R8A7722 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
R8A7722 Datasheet PDF - Renesas Technology Corp

No. de pieza R8A7722
Descarga  R8A7722 Click to download

Tamaño del archivo   2262.29 Kbytes
Page   354 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos Renesas 32-Bit RISC Microcomputer SH7780 Series

R8A7722 Datasheet (HTML) - Renesas Technology Corp


R8A7722 Detalles de producto

The SH7722 is a system LSI that incorporates an SH4AL-DSP microcontroller with a clock speed
of up to 333 MHz as its core, together with a variety of functions required for multimedia
applications. These include MPEG4 and H.264 accelerators, a 2D graphics accelerator, LCD
controller, camera interface, and sound input/output module.
The SH4AL-DSP microcontroller is a 32-bit RISC-type SuperH architecture CPU with a DSP
extension function, and is a new generation CPU core which is upward compatible with SH-1,
SH2, and SH3-DSP at the instruction set level. Super scalar design in which two instructions are
executed simultaneously allows high-speed processing. In addition, the strong power-management
functions keep both operating current and standby current low.
This LSI is ideal for use in multimedia devices that require both high-performance operation and
low power consumption.

1.1 Features
The features of this LSI are listed in table 1.1.




Número de pieza similar - R8A7722

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
R8A77210 RENESAS-R8A77210 Datasheet
8Mb / 1524P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
R8A77210C133BA RENESAS-R8A77210C133BA Datasheet
8Mb / 1524P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
R8A77210C133BAV RENESAS-R8A77210C133BAV Datasheet
8Mb / 1524P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
R8A77210C133BG RENESAS-R8A77210C133BG Datasheet
8Mb / 1524P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
R8A77210C133BGV RENESAS-R8A77210C133BGV Datasheet
8Mb / 1524P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
More results


Descripción similar - R8A7722

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SH7125 RENESAS-SH7125 Datasheet
4Mb / 782P
Renesas 32-Bit RISC Microcomputer
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7660 RENESAS-SH7660 Datasheet
4Mb / 846P
Renesas 32-Bit RISC Microcomputer
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7730 RENESAS-SH7730 Datasheet
6Mb / 1188P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7780 Series
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
SH7723 RENESAS-SH7723 Datasheet
1Mb / 358P
Renesas 32-Bit RISC Microcomputer SH7780 Series
April 1st, 2010
More results




Sobre a Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com