Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA16-600BW Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BTA16-600BW Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
No. de pieza BTA16-600BW
Descarga  BTA16-600BW Descarga
Tamaño del archivo   442.73 Kbytes
Page   5 Pages
Fabricante Electrónico  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Página de inicio  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Descripción Electrónicos Three quadrant triacs

BTA16-600BW Datasheet (PDF)

Go To PDF Page Descarga Datasheet
BTA16-600BW Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

No. de pieza BTA16-600BW
Descarga  BTA16-600BW Click to download

Tamaño del archivo   442.73 Kbytes
Page   5 Pages
Fabricante Electrónico  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Página de inicio  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Descripción Electrónicos Three quadrant triacs

BTA16-600BW Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BTA16-600BW Detalles de producto

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 16 A




Número de pieza similar - BTA16-600BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
Inchange Semiconductor ...
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
logo
STMicroelectronics
BTA16-600BW STMICROELECTRONICS-BTA16-600BW Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
logo
Shenzhen Luguang Electr...
BTA16-600BW LUGUANG-BTA16-600BW Datasheet
1Mb / 6P
16A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
More results


Descripción similar - BTA16-600BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
Three quadrant triacs
BTB20-600BW HAOPIN-BTB20-600BW Datasheet
317Kb / 5P
Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
Three quadrant triacs
BTB24-600CW HAOPIN-BTB24-600CW Datasheet
308Kb / 5P
Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
Three quadrant triacs
BTB12-600BW HAOPIN-BTB12-600BW Datasheet
490Kb / 5P
Three quadrant triacs
Q6012RH5 HAOPIN-Q6012RH5 Datasheet
355Kb / 5P
Three quadrant triacs
Q8016LH4 HAOPIN-Q8016LH4 Datasheet
275Kb / 5P
Three quadrant triacs
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com