Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MVR5510AVMA4EP Datasheet (PDF) - NXP Semiconductors

MVR5510AVMA4EP Datasheet PDF - NXP Semiconductors
No. de pieza MVR5510AVMA4EP
Descarga  MVR5510AVMA4EP Descarga
Tamaño del archivo   2564.1 Kbytes
Page   203 Pages
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors
Descripción Electrónicos Multi-output PMIC with SMPS and LDO

MVR5510AVMA4EP Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MVR5510AVMA4EP Datasheet PDF - NXP Semiconductors

No. de pieza MVR5510AVMA4EP
Descarga  MVR5510AVMA4EP Click to download

Tamaño del archivo   2564.1 Kbytes
Page   203 Pages
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors
Descripción Electrónicos Multi-output PMIC with SMPS and LDO

MVR5510AVMA4EP Datasheet (HTML) - NXP Semiconductors


MVR5510AVMA4EP Detalles de producto

1 General description
The VR5510 is an automotive multi-output power management IC that focuses on gateway, in-vehicle networks, domain controllers, telematics, and vehicle-to-x (V2X) communications. The device includes multiple highefficiency switch modes and linear voltage regulators. It offers external frequency synchronization on inputs and outputs for optimized system electromagnetic compatibility (EMC) performance. The VR5510 includes enhanced safety features with fail-safe outputs. The device covers automotive safety integrity level (ASIL) B and ASIL D safety integrity levels. It complies with the ISO 26262 standard and is qualified in accordance with AEC-Q100 rev H (Grade1, MSL3). The VR5510 can be fully utilized in safetyoriented system partitioning and can also be configured to operate as a nonsafety quality management (QM) version part.
The VR5510 is available in several versions that support various safety applications and offer numerous choices with respect to the number of output rails, output voltage settings, operating frequencies, and power-up sequencing.

3 Features and benefits
• 60 VDC maximum input voltage
• VPRE synchronous buck controller with external MOSFETs; configurable output voltage, switching frequency,
and current capability up to 10 A
• Low-voltage integrated synchronous BUCK1 and BUCK2 converters dedicated to MCU core supply with SVS/
DVS capability; configurable output voltage and current capability up to 3.6 A peak; dual-phase operation to
extend the current capability up to 7.2 A peak
• Low-voltage integrated synchronous BUCK3 converter; configurable output voltage and current capability up
to 3.6 A peak
• BOOST converter with integrated low-side switch; configurable output voltage and input current capability up
to 2.25 A peak
• 3x linear voltage regulators (LDOx) for MCU IOs, double-data rate (DDR) and analog-to-digital converter
(ADC) supplies; configurable output voltage and current capability up to 400 mA
• High-voltage linear regulator (HVLDO) with current capability up to 10 mA in low dropout (LDO) mode and 100
mA in Switch mode
• EMC optimization techniques, including switch-mode power supply (SMPS) frequency synchronization,
spread spectrum, slew rate control, manual frequency tuning
• Low-power standby mode with very low quiescent current (35 μA with VPRE and HVLDO on)
• 2x input pins for wake-up detection and battery voltage sense
• Device control via I2C interface with cyclic redundancy check (CRC) (up to 3.4 MHz)
• Dual device operation possible via dedicated synchronization pin
• Scalable portfolio from QM to ASIL B to ASIL D with independent monitoring circuitry, dedicated interface for
MCU monitoring, simple and challenger watchdog function, power good, Reset and Interrupt, built-in self-test
(BIST), fail-safe output
• Configuration by one-time programmable (OTP) programming; prototype enablement to support custom setting during project development in engineering mode

4 Applications
• Gateway
• In-vehicle Networks
• Domain controllers
• Telematics
• V2X communications




Número de pieza similar - MVR5510AVMA4EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MVR5510AVMA4EP NXP-MVR5510AVMA4EP Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
MVR5510AVMA4EP NXP-MVR5510AVMA4EP Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
MVR5510AVMA4EP NXP-MVR5510AVMA4EP Datasheet
2Mb / 200P
Multi-output PMIC with SMPS and LDO
Rev. 7.0 - 2 October 2024
More results


Descripción similar - MVR5510AVMA4EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5500 NXP-VR5500 Datasheet
1Mb / 131P
High voltage PMIC with multiple SMPS and LDO
Rev. 6-29 January 2020
FS5502 NXP-FS5502 Datasheet
1Mb / 113P
High voltage PMIC with multiple SMPS and LDO
Rev. 4-27 October 2021
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
More results




Sobre a NXP Semiconductors


NXP Semiconductors es una empresa multinacional que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de semiconductores y circuitos integrados para diversas aplicaciones, incluidos los mercados automotrices, industriales, de comunicaciones y de consumo.

La compañía fue fundada en 2006 y tiene su sede en Eindhoven, Países Bajos.

NXP ofrece una amplia cartera de productos, incluidos microcontroladores, microprocesadores, IC de autenticación seguros, ICS de administración de energía, componentes de RF y microondas, y soluciones de sensores, entre otros.

Los productos de la compañía están diseñados para ser eficientes en energía, seguros y confiables, y se utilizan en una variedad de aplicaciones, incluidos sistemas automotrices, automatización y control industrial, casas y edificios inteligentes, y dispositivos conectados.

NXP se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes las mejores soluciones de semiconductores para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com