Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

5KP220A Datasheet (PDF) - UN Semiconducctor INC

5KP220A Datasheet PDF - UN Semiconducctor INC
No. de pieza 5KP220A
Descarga  5KP220A Descarga
Tamaño del archivo   4150.85 Kbytes
Page   8 Pages
Fabricante Electrónico  UNSEMI [UN Semiconducctor INC]
Página de inicio  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Descripción Electrónicos 5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)

5KP220A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
5KP220A Datasheet PDF - UN Semiconducctor INC

No. de pieza 5KP220A
Descarga  5KP220A Click to download

Tamaño del archivo   4150.85 Kbytes
Page   8 Pages
Fabricante Electrónico  UNSEMI [UN Semiconducctor INC]
Página de inicio  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Descripción Electrónicos 5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)

5KP220A Datasheet (HTML) - UN Semiconducctor INC


5KP220A Detalles de producto

Features
Glass passivated chip junction in P600 Package
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
5000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
Typical IR less than 5μA above 9V
High Temperature soldering: 260°C/40 seconds at terminals
Typical maximum temperature coefficient
ΔVBR = 0.1% × VBR@25°C× ΔT
Plastic package has Underwriters Laboratory Flammability 94V-0
Matte tin lead–free Plated
Halogen free and RoHS compliant
Typical failure mode is short from over-specified voltage or current
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)




Número de pieza similar - 5KP220A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
5KP220A LITTELFUSE-5KP220A Datasheet
158Kb / 4P
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
Formosa MS
5KP220A FORMOSA-5KP220A Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
5KP220A BILIN-5KP220A Datasheet
131Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
5KP220A MDE-5KP220A Datasheet
61Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
5KP220A GOOD-ARK-5KP220A Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
More results


Descripción similar - 5KP220A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
5.0SMDJ UNSEMI-5.0SMDJ Datasheet
4Mb / 8P
11 To 440V 5000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com